Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM90P15-30P Datasheet(PDF) 2 Page - Analog Power

Part # AM90P15-30P
Description  P-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P15-30P Datasheet(HTML) 2 Page - Analog Power

  AM90P15-30P Datasheet HTML 1Page - Analog Power AM90P15-30P Datasheet HTML 2Page - Analog Power AM90P15-30P Datasheet HTML 3Page - Analog Power AM90P15-30P Datasheet HTML 4Page - Analog Power AM90P15-30P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM90P15-30P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = -120 V, VGS = 0 V
-1
VDS = -120 V, VGS = 0 V, TJ = 55°C
-25
On-State Drain Current
ID(on)
VDS = -5 V, VGS = -10 V
-110
A
VGS = -10 V, ID = -26 A
75
VGS = -4.5 V, ID = -25 A
80
Forward Transconductance
gfs
VDS = -15 V, ID = -20 A
40
S
Diode Forward Voltage
VSD
IS = -26 A, VGS = 0 V
-0.86
V
Total Gate Charge
Qg
138
Gate-Source Charge
Qgs
51
Gate-Drain Charge
Qgd
76
Turn-On Delay Time
td(on)
27
Rise Time
tr
55
Turn-Off Delay Time
td(off)
258
Fall Time
tf
103
Input Capacitance
Ciss
14124
Output Capacitance
Coss
557
Reverse Transfer Capacitance
Crss
527
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
rDS(on)
nC
VDS = -75 V, RL = 3.8 Ω,
ID = -20 A,
VGEN = -10 V, RGEN = 6 Ω
VDS = -75 V, VGS = -4.5 V,
ID = -20 A
Drain-Source On-Resistance
pF
VDS = -15 V, VGS = 0 V, f = 1 MHz
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
ns
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
© Preliminary
2
Publication Order Number:
DS_AM90P15-30P_1A


Similar Part No. - AM90P15-30P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
More results

Similar Description - AM90P15-30P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com