Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3165805BTL-50 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # HYB3165805BTL-50
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165805BTL-50 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button HYB3165805BTL-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 14Page - Siemens Semiconductor Group HYB3165805BTL-50 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Semiconductor Group
11
HYB3164(5)805BJ/BT(L)-40/-50/-60
8M x 8-DRAM
RAS pulse width in hyper page mode t
RAS
40
200k
50
200k
60
200k
ns
CAS precharge to RAS Delay
tRHPC
22
27
32
ns
OE pulse width
tOEP
5–
5–
5
ns
OE hold time from CAS high
tOEHC
5–
5–
5
ns
Output buffer turn-off delay from WE tWEZ
010013
015
ns
OE setup time prior to CAS
tOES
5–
5–
5
ns
Hyper Page Mode (EDO) Read-
modify-Write Cycle
Hyper page mode (EDO) read-write
cycle time
t
PRWC
44
54
63
ns
CAS precharge to WE
tCPWD
34
42
49
ns
CAS before RAS Refresh Cycle
CAS setup time
t
CSR
5–
5–
5
ns
CAS hold time
t
CHR
5–
5–
10
ns
RAS to CAS precharge time
t
RPC
5–
5–
5
ns
Write to RAS precharge time
tWRP
5–
5–
10
ns
Write hold time referenced to RAS
tWRH
5–
5–
10
ns
Self Refresh Cycle (L-versions only)
RAS pulse width
tRASS
100k
100k
_
100
k_
ns
17
RAS precharge time
tRPS
69
84
104
ns
17
CAS hold time
tCHS
-50
-50
-50
ns
17
Test Mode Cycle
Write command setup time
tWTS
5–
5–
5
ns
18
Write command hold time
t
WTH
5–
5–
5
ns
18
AC Characteristics (cont’d) 5)6)
AC64-2E
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-
40
- 50
- 60
min.
max.
min.
max.
min.
max.


Similar Part No. - HYB3165805BTL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165805AJ-40 SIEMENS-HYB3165805AJ-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AJ-50 SIEMENS-HYB3165805AJ-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AJ-60 SIEMENS-HYB3165805AJ-60 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AT-40 SIEMENS-HYB3165805AT-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AT-50 SIEMENS-HYB3165805AT-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3165805BTL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com