Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5116405BJ-50 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB5116405BJ-50
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5116405BJ-50 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB5116405BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5116405BJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Semiconductor Group
6
HYB5116(7)405BJ/BT-50/-60/-70
4M x 4-EDO DRAM
Absolute Maximum Ratings
Operating temperature range ............................................................................................0 to 70 °C
Storage temperature range.........................................................................................– 55 to 150 °C
Input/output voltage ................................................................................-0.5 to min (Vcc+0.5,7.0) V
Power supply voltage...................................................................................................-1.0V to 7.0 V
Power dissipation..................................................................................................................... 1.0 W
Data out current (short circuit) ................................................................................................ 50 mA
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage of
the device. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
DC Characteristics( note : values in brackets for HYB 5117405 BJ/BT)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 5 V ± 10 %; tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
VIH
2.4
Vcc+0.5
V
1)
Input low voltage
V
IL
– 0.5
0.8
V
1)
Output high voltage (
IOUT = – 5 mA)
VOH
2.4
V
1)
Output low voltage (
I
OUT = 4.2 mA)
V
OL
–0.4
V
1)
Input leakage current
(0 V
V
IH
≤ Vcc + 0.3V, all other pins = 0 V)
II(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 V
V
OUT
≤ Vcc + 0.3V)
I
O(L)
– 10
10
µA
1)
Average
V
CC supply current:
-50 ns version
-60 ns version
-70 ns version
(RAS, CAS, address cycling: tRC = tRC min.)
I
CC1
100(120)
90 (110)
80 (100)
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
VCC supply current (RAS =CAS = VIH) ICC2
–2mA
Average
V
CC supply current, during RAS-only
refresh cycles:
-50 ns version
-60 ns version
-70 ns version
(RAS cycling, CAS =
VIH, tRC = tRC min.)
I
CC3
100(120)
90 (110)
80 (100)
mA
mA
mA
2) 4)
2) 4)
2) 4)


Similar Part No. - HYB5116405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50 SIEMENS-HYB5116405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB5116405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com