Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5116400BT-60 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB5116400BT-60
Description  4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5116400BT-60 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB5116400BT-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 12Page - Siemens Semiconductor Group HYB5116400BT-60 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Semiconductor Group
9
HYB 5116400BJ/BT-50/-60/-70
4M x 4-DRAM
Fast Page Mode Read-Modify-Write Cycle
Fast page mode read-write cycle
time
tPRWC
71
80
95
ns
CAS precharge to WE
tCPWD
48
55
65
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
10
10
10
ns
CAS hold time
tCHR
10
10
10
ns
RAS to CAS precharge time
tRPC
5–5
–5–
ns
Write to RAS precharge time
tWRP
10
10
10
ns
Write hold time referenced to RAS tWRH
10
10
10
ns
CAS-before-RAS Counter Test Cycle
CAS precharge time
tCPT
35
40
40
ns
Test Mode
CAS hold time
tCHRT
30
30
30
ns
Write command setup time
tWTS
10
10
10
ns
Write command hold time
tWTH
10
10
10
ns
Self Refresh Cycle
RAS pulse width
tRASS
100k
100k
100k
ns
17
RAS precharge time
tRPS
95
110
130
ns
17
CAS hold time
tCHS
-50
-50
-50
ns
17
AC Characteristics (cont’d) 5)6)
16F
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB5116400BT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116400BJ-50 SIEMENS-HYB5116400BJ-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-60 SIEMENS-HYB5116400BJ-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB5116400BT-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com