Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2317P Datasheet(PDF) 1 Page - Analog Power

Part # AM2317P
Description  P - Channel Logic Level MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2317P Datasheet(HTML) 1 Page - Analog Power

  AM2317P Datasheet HTML 1Page - Analog Power AM2317P Datasheet HTML 2Page - Analog Power AM2317P Datasheet HTML 3Page - Analog Power AM2317P Datasheet HTML 4Page - Analog Power AM2317P Datasheet HTML 5Page - Analog Power AM2317P Datasheet HTML 6Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AM2317P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2317_C
1
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low r
DS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and
power management in portable and
battery-powered products such as
computers, printers, PCMCIA cards,
cellular and cordless telephones.
P - Channel Logic Level MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
SOT-23 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Maximum
Units
t <= 5 sec
250
Steady-State
285
THERMAL RESISTANCE RATINGS
Parameter
o
C/W
Maximum Junction-to-Ambient
a
RTHJA
VDS (V)
rDS(on) ( )
ID (A)
0.30 @ VGS = -10 V
-1.0
0.50 @ VGS = -4.5V
-0.9
-30
PRODUCT SUMMARY
Symbol Maximum Units
VDS
-30
VGS
±20
TA=25
o
C
±0.9
TA=70
o
C
±0.75
IDM
±10
IS
0.4
A
TA=25
o
C
0.5
TA=70
o
C
0.42
TJ, Tstg
-55 to 150
o
C
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parame te r
Pulsed Drain Current
b
V
Gate-Source Voltage
D
S
G


Similar Part No. - AM2317P

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2317 AITSEMI-AM2317 Datasheet
825Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE
REV3.0
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2317AE3SR AITSEMI-AM2317AE3SR Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2317AE3SVR AITSEMI-AM2317AE3SVR Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2317B AITSEMI-AM2317B Datasheet
660Kb / 8P
   MOSFET -20V SINGLE P-CHANNEL MOSFET
REV1.0
More results

Similar Description - AM2317P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2319P ANALOGPOWER-AM2319P Datasheet
292Kb / 6P
   P - Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDD5202P FAIRCHILD-FDD5202P Datasheet
59Kb / 5P
   P-Channel, Logic Level, MOSFET
logo
Analog Power
AM2313P ANALOGPOWER-AM2313P Datasheet
245Kb / 5P
   P - Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com