Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2381P Datasheet(PDF) 2 Page - Analog Power

Part # AM2381P
Description  P-Channel 80-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2381P Datasheet(HTML) 2 Page - Analog Power

  AM2381P Datasheet HTML 1Page - Analog Power AM2381P Datasheet HTML 2Page - Analog Power AM2381P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM2381P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2381_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1.2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = -64 V, VGS = 0 V
-1
VDS = -64 V, VGS = 0 V, TJ = 55
oC
-10
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -10 V
-1
A
VGS = -10 V, ID = -0.5 A
0.5
VGS = -4.5 V, ID = -0.5 A
0.6
Forward Tranconductance
A
gfs
VDS = -15 V, ID = -0.5 A
2.2
S
Diode Forward Voltage
VSD
IS = -1 A, VGS = 0 V
0.8
V
Total Gate Charge
Qg
7
Gate-Source Charge
Qgs
1
Gate-Drain Charge
Qgd
2
Turn-On Delay Time
td(on)
7
Rise Time
tr
11
Turn-Off Delay Time
td(off)
17
Fall-Time
tf
11
VDD = -30 V, RL = 30
, ID = -1 A,
VGEN = -10 V, RG = 6
nS
VDS = -30 V, VGS = -10 V, ID = -1.6 A
nC
Drain-Source On-Resistance
A
rDS(on)
Dynamic
b
Static
Zero Gate Voltage Drain Current
IDSS
uA
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit


Similar Part No. - AM2381P

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2300 AITSEMI-AM2300 Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3R AITSEMI-AM2300E3R Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SR AITSEMI-AM2300E3SR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3SVR AITSEMI-AM2300E3SVR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
AM2300E3VR AITSEMI-AM2300E3VR Datasheet
501Kb / 9P
   MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV2.1
More results

Similar Description - AM2381P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
   P-Channel 80-V (D-S) MOSFET
Rev. D, 02-Feb-09
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 24-Jul-06
logo
Analog Power
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2337DS VISHAY-SI2337DS Datasheet
202Kb / 3P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 31-Oct-05
logo
Analog Power
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7469DP VISHAY-SI7469DP Datasheet
107Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI2337DS VISHAY-SI2337DS_08 Datasheet
110Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. C, 30-Jul-07
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com