Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2391P Datasheet(PDF) 4 Page - Analog Power

Part # AM2391P
Description  P-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2391P Datasheet(HTML) 4 Page - Analog Power

  AM2391P Datasheet HTML 1Page - Analog Power AM2391P Datasheet HTML 2Page - Analog Power AM2391P Datasheet HTML 3Page - Analog Power AM2391P Datasheet HTML 4Page - Analog Power AM2391P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM2391P
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
11. Normalized Thermal Transient Junction to Ambient
Typical Electrical Characteristics
8. Normalized On-Resistance Vs
Junction Temperature
0.01
0.1
1
10
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
Qg - Total Gate Charge (nC)
ID = -0.8A
VDS = -75V
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
0
10
20
30
40
50
60
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) x RθJA
RθJA = 166 °C /W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
P(pk)
t1
t2
© Preliminary
4
Publication Order Number:
DS_AM2391P_1A


Similar Part No. - AM2391P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2390N ANALOGPOWER-AM2390N Datasheet
324Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM2392N ANALOGPOWER-AM2392N Datasheet
75Kb / 3P
   N-Channel 150V (D-S) MOSFET
AM2394NE ANALOGPOWER-AM2394NE Datasheet
338Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM2394NE VBSEMI-AM2394NE Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Analog Power
AM2398N ANALOGPOWER-AM2398N Datasheet
139Kb / 3P
   N-Channel 60V (D-S) MOSFET
More results

Similar Description - AM2391P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com