Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5116405BJ-70 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB5116405BJ-70
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5116405BJ-70 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB5116405BJ-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group HYB5116405BJ-70 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Semiconductor Group
8
HYB5116(7)405BJ/BT-50/-60/-70
4M x 4-EDO DRAM
AC Characteristics 5)6)
16E
TA = 0 to 70 °C,VCC = 5 V
± 10 %, t
T = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.
common parameters
Random read or write cycle time
tRC
84
104
124
ns
RAS precharge time
tRP
30
40
50
ns
RAS pulse width
tRAS
50
10k
60
10k
70
10k
ns
CAS pulse width
tCAS
8
10k
10
10k
12
10k
ns
Row address setup time
tASR
0–0
–0–
ns
Row address hold time
tRAH
8–10
10
ns
Column address setup time
tASC
0–0
–0–
ns
Column address hold time
tCAH
8–10
12
ns
RAS to CAS delay time
tRCD
12
37
14
45
14
53
ns
RAS to column address delay
tRAD
10
25
12
30
12
35
ns
RAS hold time
tRSH
13
15
17
ns
CAS hold time
tCSH
40
50
60
ns
CAS to RAS precharge time
tCRP
5–5
–5–
ns
Transition time (rise and fall)
tT
150
1
50
150
ns
7
Refresh period for HYB5116405
tREF
–64
64
–64
ms
Refresh period for HYB5117405
tREF
–32
32
–32
ms
Read Cycle
Access time from RAS
tRAC
–50
60
–70
ns
8, 9
Access time from CAS
tCAC
–13
15
–17
ns
8, 9
Access time from column address tAA
–25
30
–35
ns
8,10
OE access time
tOEA
–13
15
–17
ns
Column address to RAS lead time tRAL
25
30
35
ns
Read command setup time
tRCS
0–0
–0–
ns
Read command hold time
tRCH
0–0
–0–
ns
11
Read command hold time
referenced to RAS
tRRH
0–0
–0–
ns
11
CAS to output in low-Z
tCLZ
0–0
–0–
ns
8
Output buffer turn-off delay
tOFF
013
0
15
017
ns
12


Similar Part No. - HYB5116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50 SIEMENS-HYB5116405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJ-60 SIEMENS-HYB5116405BJ-60 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB5116405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com