Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5117800BSJ-50 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB5117800BSJ-50
Description  2M x 8 - Bit Dynamic RAM 2k Refresh
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5117800BSJ-50 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB5117800BSJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB5117800BSJ-50 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
HYB 5(3)117800/BSJ-50/-60
2M
× 8 DRAM
Semiconductor Group
9
1998-10-01
Notes
1. All voltages are referenced to
V
SS.
2.
I
CC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3.
I
CC1 and ICC4 depend on output loading. Specified values are measured with the output open.
4. Address can be changed once or less while RAS =
V
IL. In the case of ICC4 it can be changed once
or less during a fast page mode cycle (
t
PC).
5. An initial pause of 200
µs is required after power-up followed by 8 RAS cycles of which at least
one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using
internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS
cycles are required.
6. AC measurements assume
t
T = 5 ns.
7.
V
IH (MIN.) and VIL (MAX.) are reference levels for measuring timing of input signals. Transition times
are also measured between
V
IH and VIL.
8. Measured with a load equivalent to 2 TTL loads and 100 pF.
9. Operation within the
t
RCD (MAX.) limit ensures that tRAC (MAX.) can be met. tRCD (MAX.) is specified as
a reference point only: If
t
RCD is greater than the specified tRCD (MAX.) limit, then access time is
controlled by
t
CAC.
10.Operation within the
t
RAD (MAX.) limit ensures that tRAC (MAX.) can be met. tRAD (MAX.) is specified as
a reference point only: If
t
RAD is greater than the specified tRAD (MAX.) limit, then access time is
controlled by
t
AA.
11.Either
t
RCH or tRRH must be satisfied for a read cycle.
12.
t
OFF (MAX.) and tOEZ (MAX.) define the time at which the outputs achieve the open-circuit condition
and are not referenced to output voltage levels.
13.Either
t
DZC or tDZO must be satisfied.
14.Either
t
CDD or tODD must be satisfied.
15.
t
WCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the
data sheet as electrical characteristics only. If
t
WCS > tWCS (MIN.), the cycle is an early write cycle
and the I/O pin will remain open-circuit (high impedance) through the entire cycle; if
t
RWD >
t
RWD (MIN.), tCWD > tCWD (MIN.), tAWD > tAWD (MIN.) and tCPWD > tCPWD (MIN.) , the cycle is a read-write cycle
and I/O pins will contain data read from the selected cells. If neither of the above sets of
conditions is satisfied, the condition of the I/O pins (at access time) is indeterminate.
16.These parameters are referenced to the CAS leading edge in early write cycles and to the WE
leading edge in read-write cycles.


Similar Part No. - HYB5117800BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
More results

Similar Description - HYB5117800BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com