Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q519 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67100-Q519
Description  1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q519 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67100-Q519 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q519 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Semiconductor Group
37
HYB 511000BJ/BJL-50/-60/-70
1 M
× 1-DRAM
Absolute Maximum Ratings
Operating temperature range .........................................................................................0 to + 70 ˚C
Storage temperature range......................................................................................– 55 to + 150 ˚C
Soldering temperature ............................................................................................................260 ˚C
Soldering time .............................................................................................................................10 s
Input/output voltage ........................................................................................................ – 1 to + 7 V
Test Function Input voltage ....................................................................................... – 1 to + 10.5 V
Power supply voltage...................................................................................................... – 1 to + 7 V
Power dissipation..................................................................................................................... 0.6 W
Data out current (short circuit) ................................................................................................ 50 mA
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 ˚C; VSS = 0 V; VCC = 5 V ± 10 %
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
IH
2.4
6.5
V
1)
Input low voltage
V
IL
– 1.0
0.8
V
1)
Test enable input high voltage
V
IH(TF)
V
CC + 4.5
10.5
V
1)
Test disable input low voltage
V
IL(TF)
– 1.0
V
CC + 1.0
V
1)
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
V
1)
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1)
Input leakage current, any input except TF
(0 V
V
IN ≤ 6.5 V, all other pins = 0 V)
I
I(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 V
V
OUT ≤ 5.5 V)
I
O(L)
– 10
10
µA
1)
Average
V
CC supply current:
-50 version
-60 version
-70 version
(RAS, CAS, address cycling:
t
RC = tRC min.)
I
CC1
90
80
70
mA
mA
mA
2) 3)
2) 3)
2) 3)
Standby
V
CC supply current (RAS = CAS = VIH)
I
CC2
–2mA


Similar Part No. - Q67100-Q519

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q530 SIEMENS-Q67100-Q530 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Q67100-Q536 SIEMENS-Q67100-Q536 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Q67100-Q537 SIEMENS-Q67100-Q537 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Q67100-Q542 SIEMENS-Q67100-Q542 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Q67100-Q543 SIEMENS-Q67100-Q543 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
More results

Similar Description - Q67100-Q519

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Toshiba Semiconductor
TC514101J TOSHIBA-TC514101J Datasheet
676Kb / 23P
   4,194,304 x 1 BIT DYNAMIC RAM
TC514102AP TOSHIBA-TC514102AP Datasheet
601Kb / 20P
   4,194,304 x 1 BIT DYNAMIC RAM
TC514102J TOSHIBA-TC514102J Datasheet
681Kb / 22P
   4,194,304 x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
MK4116 ETC-MK4116 Datasheet
1Mb / 12P
   16,384 X 1 BIT DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
OKI electronic componet...
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
   262,144-WORD X 1-BIT DYNAMIC RAM
logo
National Semiconductor ...
MM5290 NSC-MM5290 Datasheet
376Kb / 6P
   16384-BIT (16384 X 1 ) DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com