Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2392N Datasheet(PDF) 1 Page - Analog Power

Part # AM2392N
Description  N-Channel 150V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2392N Datasheet(HTML) 1 Page - Analog Power

  AM2392N Datasheet HTML 1Page - Analog Power AM2392N Datasheet HTML 2Page - Analog Power AM2392N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM2392N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2392_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) ( )
ID (A)
2.6 @ VGS = 10 V
0.6
2.8 @ VGS = 5.5V
0.5
PRODUCT SUMMARY
150
N-Channel 150V (D-S) MOSFET
Low rDS(on) provides higher efficiency and
extends battery life
Low thermal impedance copper leadframe
SOT-23 saves board space
Fast switching speed
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
150
VGS
±20
Continuous Drain Current
a
TA=25
o
C ID
0.6
IDM
±10
IS
1.1
A
Power Dissipation
a
TA=25
o
C PD
1.30
W
TJ, Tstg
-55 to 150
o
C
Operating Junction and Storage Temperature Range
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
A
Symbol
Typ
Max
t <= 10 sec
93
110
Steady State
130
150
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
oC/W
RthJA
Parameter
D
S
G


Similar Part No. - AM2392N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2390N ANALOGPOWER-AM2390N Datasheet
324Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM2391P ANALOGPOWER-AM2391P Datasheet
336Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM2394NE ANALOGPOWER-AM2394NE Datasheet
338Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM2394NE VBSEMI-AM2394NE Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Analog Power
AM2398N ANALOGPOWER-AM2398N Datasheet
139Kb / 3P
   N-Channel 60V (D-S) MOSFET
More results

Similar Description - AM2392N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTB35N15T4G VBSEMI-NTB35N15T4G Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
PHB45NQ15T VBSEMI-PHB45NQ15T Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
SQM40N15-38-GE3 VBSEMI-SQM40N15-38-GE3 Datasheet
1,009Kb / 8P
   N-Channel 150V (D-S) MOSFET
NCE1540DA VBSEMI-NCE1540DA Datasheet
1,005Kb / 8P
   N-Channel 150V (D-S) MOSFET
2SK3604-01S VBSEMI-2SK3604-01S Datasheet
1Mb / 8P
   N-Channel 150V (D-S) MOSFET
AOB254L VBSEMI-AOB254L Datasheet
1,004Kb / 8P
   N-Channel 150V (D-S) MOSFET
logo
Analog Power
AM4390N ANALOGPOWER-AM4390N Datasheet
198Kb / 5P
   N-Channel 150V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STB40NS15T4 VBSEMI-STB40NS15T4 Datasheet
1,009Kb / 8P
   N-Channel 150V (D-S) MOSFET
VBL1154N VBSEMI-VBL1154N Datasheet
603Kb / 8P
   N-Channel 150V (D-S) MOSFET
NCE1540AD VBSEMI-NCE1540AD Datasheet
1,006Kb / 8P
   N-Channel 150V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com