Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6265CP12 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM6265CP12
Description  8K x 9 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6265CP12 Datasheet(HTML) 6 Page - Motorola, Inc

  MCM6265CP12 Datasheet HTML 1Page - Motorola, Inc MCM6265CP12 Datasheet HTML 2Page - Motorola, Inc MCM6265CP12 Datasheet HTML 3Page - Motorola, Inc MCM6265CP12 Datasheet HTML 4Page - Motorola, Inc MCM6265CP12 Datasheet HTML 5Page - Motorola, Inc MCM6265CP12 Datasheet HTML 6Page - Motorola, Inc MCM6265CP12 Datasheet HTML 7Page - Motorola, Inc MCM6265CP12 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MCM6265C
6
MOTOROLA FAST SRAM
WRITE CYCLE 2 (E Controlled, See Notes 1 and 2)
– 12
– 15
– 20
– 25
– 35
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write Cycle Time
tAVAV
12
15
20
25
35
ns
3
Address Setup Time
tAVEL
0
0
0
0
0
ns
Address Valid to End of Write
tAVEH
12
12
15
20
25
ns
Enable to End of Write
tELEH,
tELWH
10
10
12
15
25
ns
4, 5
Write Pulse Width
tWLEH
10
12
15
17
20
ns
Data Valid to End of Write
tDVEH
7
7
8
10
15
ns
Data Hold Time
tEHDX
0
0
0
0
0
ns
Write Recovery Time
tEHAX
0
0
0
0
0
ns
NOTES:
1. A write occurs during the overlap of E low and W low.
2. E1 and E2 are represented by E in this data sheet. E2 is of opposite polarity to E.
3. All timings are referenced from the last valid address to the first transitioning address.
4. If E goes low coincident with or after W goes low, the output will remain in a high impedance state.
5. If E goes high coincident with or before W goes high, the output will remain in a high impedance state.
WRITE CYCLE 2 (E Controlled, See Notes 1 and 2)
tEHDX
tDVEH
tEHAX
tELEH
tELWH
tWLEH
tAVEL
tAVEH
DATA VALID
tAVAV
HIGH–Z
A (ADDRESS)
W (WRITE ENABLE)
E (CHIP ENABLE)
Q (DATA OUT)
D (DATA IN)


Similar Part No. - MCM6265CP12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12 MOTOROLA-MCM6264CJ12 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12R2 MOTOROLA-MCM6264CJ12R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15 MOTOROLA-MCM6264CJ15 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15R2 MOTOROLA-MCM6264CJ15R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6265CP12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com