Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6265CP12 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM6265CP12
Description  8K x 9 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6265CP12 Datasheet(HTML) 7 Page - Motorola, Inc

  MCM6265CP12 Datasheet HTML 1Page - Motorola, Inc MCM6265CP12 Datasheet HTML 2Page - Motorola, Inc MCM6265CP12 Datasheet HTML 3Page - Motorola, Inc MCM6265CP12 Datasheet HTML 4Page - Motorola, Inc MCM6265CP12 Datasheet HTML 5Page - Motorola, Inc MCM6265CP12 Datasheet HTML 6Page - Motorola, Inc MCM6265CP12 Datasheet HTML 7Page - Motorola, Inc MCM6265CP12 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MCM6265C
7
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
28 LEAD
300 MIL PDIP
CASE 710B–01
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
E
F
G
J
K
L
M
N
34.55
7.12
3.81
0.39
1.15
0.21
3.18
0
°
0.51
34.79
7.62
4.57
0.53
1.39
0.30
3.42
15
°
1.01
1.360
0.280
0.150
0.015
0.045
0.008
0.125
0
°
0.020
1.370
0.300
0.180
0.021
0.055
0.012
0.135
15
°
0.040
1.27 BSC
2.54 BSC
7.62 BSC
0.050 BSC
0.100 BSC
0.300 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION A AND B DOES NOT INCLUDE MOLD
FLASH. MAXIMUM MOLD FLASH 0.25 (0.010).
28
1
15
14
-B-
-A-
K
L
M
C
N
E
F
D 28 PL
G
J 28 PL
-T-
SEATING
PLANE
0.25 (0.010) M
T
S
B
0.25 (0.010) M
T
S
A
28 LEAD
300 MIL SOJ
CASE 810B–03
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
E
F
G
H
K
L
M
N
P
R
S
0
°
10
°
1.27 BSC
0.64 BSC
0.050 BSC
0.025 BSC
0
°
10
°
18.29
7.50
3.26
0.39
2.24
0.67
0.89
0.76
8.38
6.60
0.77
18.54
7.74
3.75
0.50
2.48
0.81
0.50
1.14
1.14
8.64
6.86
1.01
0.720
0.295
0.128
0.015
0.088
0.026
0.035
0.030
0.330
0.260
0.030
0.730
0.305
0.148
0.020
0.098
0.032
0.020
0.045
0.045
0.340
0.270
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. DIMENSION A & B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
3. CONTROLLING DIMENSION: INCH.
4. DIM R TO BE DETERMINED AT DATUM -T-.
5. 810B-01 AND -02 OBSOLETE, NEW STANDARD
810B-03.
28
1
15
14
L
G
M
K
DETAIL Z
DETAIL Z
S RAD
F
-B-
-A-
P
R
N
0.10 (0.004)
SEATING PLANE
-T-
0.25 (0.010)
T
S
B
0.18 (0.007) M
T
S
A
0.18 (0.007)
T
S
B
S
S
M
C
E
D 24 PL
H BRK


Similar Part No. - MCM6265CP12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12 MOTOROLA-MCM6264CJ12 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12R2 MOTOROLA-MCM6264CJ12R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15 MOTOROLA-MCM6264CJ15 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15R2 MOTOROLA-MCM6264CJ15R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6265CP12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com