Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4892N Datasheet(PDF) 1 Page - Analog Power

Part # AM4892N
Description  Dual N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4892N Datasheet(HTML) 1 Page - Analog Power

  AM4892N Datasheet HTML 1Page - Analog Power AM4892N Datasheet HTML 2Page - Analog Power AM4892N Datasheet HTML 3Page - Analog Power AM4892N Datasheet HTML 4Page - Analog Power AM4892N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4892N
Dual N-Channel 150-V (D-S) MOSFET
VDS (V)
ID(A)
2.3
2.2
Symbol
Limit
Units
VDS
150
VGS
±20
TA=25°C
2.3
TA=70°C
1.8
IDM
10
IS
2.8
A
TA=25°C
2.1
TA=70°C
1.3
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
PRODUCT SUMMARY
150
rDS(on) (mΩ)
255 @ VGS = 10V
290 @ VGS = 4.5V
Gate-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM4892N_1A


Similar Part No. - AM4892N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4890N ANALOGPOWER-AM4890N Datasheet
364Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
More results

Similar Description - AM4892N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP_V01 Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7946ADP VISHAY-SI7946ADP Datasheet
378Kb / 13P
   Dual N-Channel 150 V (D-S) MOSFET
01-Jan-2022
logo
Analog Power
AM4890N ANALOGPOWER-AM4890N Datasheet
364Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP_06 Datasheet
203Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7956DP VISHAY-SI7956DP_V01 Datasheet
309Kb / 12P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7738DP VISHAY-SI7738DP Datasheet
132Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. A, 14-Apr-08
SI7956DP VISHAY-SI7956DP Datasheet
206Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7946DP VISHAY-SI7946DP Datasheet
72Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. A, 30-Jun-03
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com