Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5117405BJ-50 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB5117405BJ-50
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5117405BJ-50 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB5117405BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB5117405BJ-50 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Semiconductor Group
9
HYB5116(7)405BJ/BT-50/-60/-70
4M x 4-EDO DRAM
Output turn-off delay from OE
tOEZ
013
0
15
017
ns
12
Data to CAS low delay
tDZC
0–0
–0–
ns
13
Data to OE low delay
tDZO
0–0
–0–
ns
13
CAS high to data delay
tCDD
10
13
15
ns
14
OE high to data delay
tODD
10
13
15
ns
14
Write Cycle
Write command hold time
tWCH
8–10
10
ns
Write command pulse width
tWP
8–10
10
ns
Write command setup time
tWCS
0–0
–0–
ns
15
Write command to RAS lead time tRWL
13
15
17
ns
Write command to CAS lead time tCWL
13
15
17
ns
Data setup time
tDS
0–0
–0–
ns
16
Data hold time
tDH
8–10
12
ns
16
Read-modify-Write Cycle
Read-write cycle time
tRWC
113
138
162
ns
RAS to WE delay time
tRWD
64
77
89
ns
15
CAS to WE delay time
tCWD
27
32
36
ns
15
Column address to WE delay time tAWD
39
47
54
ns
15
OE command hold time
tOEH
10
13
15
ns
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle
time
tHPC
20
25
30
ns
CAS precharge time
tCP
8–10
10
ns
Access time from CAS precharge
tCPA
–27
32
–37
ns
7
Output data hold time
tCOH
5–5
–5–
ns
RAS pulse width in EDO mode
tRAS
50
200k
60
200k
70
200k
ns
CAS precharge to RAS Delay
tRHPC
27
32
37
ns
AC Characteristics (cont’d) 5)6)
16E
TA = 0 to 70 °C,VCC = 5 V
± 10 %, t
T = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB5117405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117405BJ-50 SIEMENS-HYB5117405BJ-50 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB5117405BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com