Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5117805BSJ-60 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # HYB5117805BSJ-60
Description  2M x 8-Bit Dynamic RAM 2k Refresh
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5117805BSJ-60 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  HYB5117805BSJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5117805BSJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HYB 5(3)117805/BSJ-50/-60
2M
× 8 EDO-DRAM
Semiconductor Group
4
1998-10-01
Absolute Maximum Ratings
Operating temperature range ........................................................................................... 0 to 70
°C
Storage temperature range....................................................................................... – 55 to 150
°C
Input/output voltage (5 V versions) .................................................... – 0.5 to min (
V
CC + 0.5, 7.0) V
Input/output voltage (3.3 V versions) ................................................. – 0.5 to min (
V
CC + 0.5, 4.6) V
Power supply voltage (5 V versions) ....................................................................... – 1.0 V to 7.0 V
Power supply voltage (3.3 V versions) .................................................................... – 1.0 V to 4.6 V
Power dissipation (5 V versions) ............................................................................................. 1.0 W
Power dissipation (3.3 V versions) .......................................................................................... 0.5 W
Data out current (short circuit) ................................................................................................ 50 mA
Note: Stresses above those listed under Absolute Maximum Ratingsmay cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
5 V Versions
Power supply voltage
V
CC
4.5
5.5
V
Input high voltage
V
IH
2.4
V
CC + 0.5
V
1
Input low voltage
V
IL
– 0.5
0.8
V
1
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
V
1
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1
3.3 V Versions
Power supply voltage
V
CC
3.0
3.6
V
Input high voltage
V
IH
2.0
V
CC + 0.5
V
1
Input low voltage
V
IL
– 0.5
0.8
V
1
TTL Output high voltage (
I
OUT = – 2 mA)
V
OH
2.4
V
1
TTL Output low voltage (
I
OUT = 2 mA)
V
OL
0.4
V
1
CMOS Output high voltage (
I
OUT = – 100 µA)
V
OH
V
CC – 0.2
V
CMOS Output low voltage (
I
OUT = 100 µA)
V
OL
0.2
V
Common Parameters
Input leakage current
(0 V
V
IH VCC + 0.3 V, all other pins = 0 V)
I
I(L)
– 10
10
µA
1
Output leakage current
(DO is disabled, 0 V
V
OUT VCC + 0.3 V)
I
O(L)
– 10
10
µA
1


Similar Part No. - HYB5117805BSJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
More results

Similar Description - HYB5117805BSJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com