Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5118160BSJ-50 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB5118160BSJ-50
Description  1M x 16-Bit Dynamic RAM 1k Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5118160BSJ-50 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB5118160BSJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB5118160BSJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Semiconductor Group
1
1998-10-01
• 1 048 576 words by 16-bit organization
• 0 to 70
°C operating temperature
• Fast Page Mode operation
• Performance:
• Power Dissipation, Refresh & Addressing:
• Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh and hidden refresh
• All inputs, outputs and clocks fully TTL (5 V versions) and LV-TTL (3.3 V version)-compatible
• Plastic Package:
P-SOJ-42-1
400 mil
-50
-60
t
RAC
RAS access time
50
60
ns
t
CAC
CAS access time
13
15
ns
t
AA
Access time from address
25
30
ns
t
RC
Read/Write cycle time
84
104
ns
t
PC
Fast page mode cycle time
35
40
ns
HYB5118160
HYB3118160
-50
-60
-50
-60
Power Supply
5 V
± 10 %
3.3 V
± 0.3 V
Addressing
10/10
10/10
Refresh
1024 cycles / 16 ms
Active
715
632
468
414
mW
TTL Standby
11
7.2
mW
CMOS Standby
5.5
3.6
mW
1M
× 16-Bit Dynamic RAM
1k Refresh
(Fast Page Mode)
Advanced Information
HYB 5118160BSJ-50/-60
HYB 3118160BSJ-50/-60


Similar Part No. - HYB5118160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
More results

Similar Description - HYB5118160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
logo
Mosel Vitelic, Corp
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
Siemens Semiconductor G...
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com