Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB5118165BSJBST-50- Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYB5118165BSJBST-50-
Description  1M x 16-Bit Dynamic RAM 1k Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB5118165BSJBST-50- Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYB5118165BSJBST-50- Datasheet HTML 1Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 2Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 3Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 4Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYB5118165BSJBST-50- Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HYB 5118165BSJ/BST-50/-60
HYB 3118165BSJ/BST-50/-60
1M
× 16 EDO-DRAM
Semiconductor Group
5
1998-10-01
Absolute Maximum Ratings
Operating temperature range ........................................................................................... 0 to 70
°C
Storage temperature range........................................................................................ – 55 to 150
°C
Input/output voltage (5 V versions) .................................................... – 0.5 to min (
V
CC + 0.5, 7.0) V
Input/output voltage (3.3 V versions) ................................................. – 0.5 to min (
V
CC + 0.5, 4.6) V
Power supply voltage (5 V versions) ....................................................................... – 1.0 V to 7.0 V
Power supply voltage (3.3 V versions) .................................................................... – 1.0 V to 4.6 V
Power dissipation (5 V versions) ............................................................................................. 1.0W
Power dissipation (3.3 V versions) .......................................................................................... 0.5 W
Data out current (short circuit) ................................................................................................50 mA
Note: Stresses above those listed under Absolute Maximum Ratings” may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics
T
A = 0 to 70 °C, VSS = 0 V, tT = 2 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
5 V Versions
Power supply voltage
V
CC
4.5
5.5
V
Input high voltage
V
IH
2.4
V
CC + 0.5
V
1
Input low voltage
V
IL
– 0.5
0.8
V
1
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
V
1
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1
3.3 V Versions
Power supply voltage
V
CC
3.0
3.6
V
Input high voltage
V
IH
2.0
V
CC + 0.5
V
1
Input low voltage
V
IL
– 0.5
0.8
V
1
TTL Output high voltage (
I
OUT = – 2 mA)
V
OH
2.4
V
1
TTL Output low voltage (
I
OUT = 2 mA)
V
OL
0.4
V
1
CMOS Output high voltage (
I
OUT = – 100 µA)
V
OH
V
CC – 0.2
V
CMOS Output low voltage (
I
OUT = 100 µA)
V
OL
0.2
V


Similar Part No. - HYB5118165BSJBST-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118165BJ-50 SIEMENS-HYB5118165BJ-50 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5118165BJ-60 SIEMENS-HYB5118165BJ-60 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5118165BJ-70 SIEMENS-HYB5118165BJ-70 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
More results

Similar Description - HYB5118165BSJBST-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
logo
Mosel Vitelic, Corp
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
Siemens Semiconductor G...
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com