Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q1086 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67100-Q1086
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1086 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67100-Q1086 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1086 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Semiconductor Group
1
1998-10-01
• 4 194 304 words by 4-bit organization
• 0 to 70
°C operating temperature
• Fast Page Mode operation
• Performance:
• Power Dissipation, Refresh & Addressing:
• Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh, hidden refresh
and test mode
• All inputs, outputs and clocks fully TTL (5 V versions) and LV-TTL (3.3 V version)-compatible
• Plastic Package: P-SOJ-26/24-1
300 mil
P-TSOPII-26/24-1 300 mil
-50
-60
t
RAC
RAS access time
50
60
ns
t
CAC
CAS access time
13
15
ns
t
AA
Access time from address
25
30
ns
t
RC
Read/Write cycle time
84
104 ns
t
PC
Fast page mode cycle time
35
40
ns
HYB 5116400
HYB 3116400
HYB 5117400
HYB 3117400
-50
-60
-50
-60
-50
-60
-50
-60
Power Supply
5 V
± 10%
3.3 V
± 0.3 V
5 V
± 10%
3.3 V
± 0.3 V
Addressing
12/10
12/10
11/11
11/11
Refresh
4096 cycles / 64 ms
2048 cycles / 32 ms
Active
275
220
180
144
440
385
288
252
mW
TTL Standby
11
7.2
11
7.2
mW
CMOS Standby
5.5
3.6
5.5
3.6
mW
4M
× 4-Bit Dynamic RAM
2k & 4k Refresh
(Fast Page Mode)
Advanced Information
HYB 5116400BJ-50/-60
HYB 5117400BJ-50/-60
HYB 3116400BJ/BT-50/-60
HYB 3117400BJ-50/-60


Similar Part No. - Q67100-Q1086

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1086 SIEMENS-Q67100-Q1086 Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
More results

Similar Description - Q67100-Q1086

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com