Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB3118160BSJ-60 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB3118160BSJ-60
Description  1M x 16-Bit Dynamic RAM 1k Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3118160BSJ-60 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB3118160BSJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3118160BSJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
HYB 5118160BSJ-50/-60
HYB 3118160BSJ-50/-60
1M
× 16 DRAM
Semiconductor Group
2
1998-10-01
The HYB 5(3)118160 are 16 MBit dynamic RAMs based on die revisions “G” & “F” and organized
as 1 048 576 words by 16-bits. The HYB 5(3)118)160 utilizes a submicron CMOS silicon gate
process technology, as well as advanced circuit techniques to provide wide operating margins, both
internally and for the system user. Multiplexed address inputs permit the HYB 5(3)118160 to be
packaged in a standard SOJ-42 plastic package with 400 mil width. This package provide high
system bit densities and is compatible with commonly used automatic testing and insertion
equipment.
Ordering Information
Type
Ordering Code
Package
Descriptions
HYB 5118160BSJ-50
Q67100-Q1072
P-SOJ-42-1 400 mil
5 V
50 ns FPM-DRAM
HYB 5118160BSJ-60
Q67100-Q1073
P-SOJ-42-1 400 mil
5 V
60 ns FPM-DRAM
HYB 3118160BSJ-50
on request
P-SOJ-42-1 400 mil
3.3 V 50 ns FPM-DRAM
HYB 3118160BSJ-60
on request
P-SOJ-42-1 400 mil
3.3 V 60 ns FPM-DRAM
Pin Names
HYB 5(3)118160
Row Address Inputs
A0 - A9
Column Address Inputs
A0 - A9
Row Address Strobe
RAS
Upper Column Address Strobe
UCAS
Lower Column Address Strobe
LCAS
Output Enable
OE
Data Input/Output
I/O1 - I/O16
Read/Write Input
WE
Power Supply
V
CC
Ground (0 V)
V
SS
Not Connected
N.C.


Similar Part No. - HYB3118160BSJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3118160BSJ-60 SIEMENS-HYB3118160BSJ-60 Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
More results

Similar Description - HYB3118160BSJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
logo
Mosel Vitelic, Corp
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
Siemens Semiconductor G...
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com