Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB514175BJ-50- Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB514175BJ-50-
Description  256k x 16-Bit EDO-DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514175BJ-50- Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB514175BJ-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 9Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 10Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 11Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 12Page - Siemens Semiconductor Group HYB514175BJ-50- Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
HYB 514175BJ-50/-55/-60
256k
× 16 EDO-DRAM
Semiconductor Group
9
1998-10-01
Notes
1. All voltages are referenced to
V
SS.
2.
I
CC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3.
I
CC1 and ICC4 depend on output loading. Specified values are obtained with the output open.
4. Address can be changed once or less while RAS =
V
IL. In case of ICC4 it can be changed once
or less during a hyper page mode (EDO) cycle
5. An initial pause of 200
µs is required after power-up followed by 8 RAS cycles of which at least
one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using
the internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of
8 RAS cycles are required.
6. AC measurements assume
t
T = 2 ns.
7.
V
IH (MIN.) and VIL (MAX.) are reference levels for measuring timing of input signals. Transition times
are also measured between
V
IH and VIL.
8. Measured with the specified current load and 100 pF at
V
OL = 0.8 V and VOH = 2.0 V. Access
time is determined by the latter of
t
RAC, tCAC, tAA , tCPA , tOEA. tCAC is measured from tristate.
9. Operation within the
t
RCD (MAX.) limit ensures that tRAC (MAX.) can be met. tRCD (MAX.) is specified as
a reference point only. If
t
RCD is greater than the specified tRCD (MAX.) limit, then access time is
controlled by
t
CAC.
10.Operation within the
t
RAD (MAX.) limit ensures that tRAC (MAX.) can be met. tRAD (MAX.) is specified as
a reference point only. If
t
RAD is greater than the specified tRAD (MAX.) limit, then access time is
controlled by
t
AA.
11.Either
t
RCH or tRRH must be satisfied for a read cycle.
12.
t
OFF (MAX.), tOEZ (MAX.) define the time at which the output achieves the open-circuit conditions and
are not referenced to output voltage levels.
t
OFF is referenced from the rising edge of RAS or
CAS, whichever occurs last.
13.Either
t
DZC or tDZO must be satisfied.
14.Either
t
CDD or tODD must be satisfied.
15.
t
WCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the data
sheet as electrical characteristics only. If
t
WCS > tWCS (MIN.), the cycle is an early write cycle and
data out pin will remain open-circuit (high impedance) through the entire cycle; if
t
RWD > tRWD (MIN.), tCWD > tCWD (MIN.) and tAWD > tAWD (MIN.), the cycle is a read-write cycle and I/O will
contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the
condition of I/O (at access time) is indeterminated.
16.These parameters are referenced to the CAS leading edge in early write cycles and to the WE
leading edge in read-write cycles.


Similar Part No. - HYB514175BJ-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514171BJ-50 SIEMENS-HYB514171BJ-50 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-60 SIEMENS-HYB514171BJ-60 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
More results

Similar Description - HYB514175BJ-50-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
EM614163 ETC-EM614163 Datasheet
145Kb / 23P
   256K x 16 High Speed EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
UT51C161 ETC1-UT51C161 Datasheet
326Kb / 22P
   64K WORD X 16 BIT EDO DRAM
logo
Siemens Semiconductor G...
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Siemens Semiconductor G...
HYB314175BJ-50- SIEMENS-HYB314175BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
HYM64V2005GU-50 SIEMENS-HYM64V2005GU-50 Datasheet
79Kb / 14P
   3.3V 2M x 64-Bit EDO-DRAM Module 3.3V 2M x 72-Bit EDO-DRAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com