Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8024 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS8024
Description  Smart Card Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8024 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS8024 Datasheet HTML 1Page - Maxim Integrated Products DS8024 Datasheet HTML 2Page - Maxim Integrated Products DS8024 Datasheet HTML 3Page - Maxim Integrated Products DS8024 Datasheet HTML 4Page - Maxim Integrated Products DS8024 Datasheet HTML 5Page - Maxim Integrated Products DS8024 Datasheet HTML 6Page - Maxim Integrated Products DS8024 Datasheet HTML 7Page - Maxim Integrated Products DS8024 Datasheet HTML 8Page - Maxim Integrated Products DS8024 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Smart Card Interface
_______________________________________________________________________________________
5
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = +3.3V, VDDA = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONTROL PINS (CLKDIV1, CLKDIV2, CMDVCC, RSTIN, 5V/3V)
Input Low Voltage
VIL
-0.3
0.3 x
VDD
V
Input High Voltage
VIH
0.7 x
VDD
VDD +
0.3
V
Input Low Current
IIL_IO
0 < VIL < VDD
5
µA
Input High Current
IIH_IO
0 < VIH < VDD
5
µA
Integrated Pullup Resistor
RPU
Pullup to VDD, 5V/
3V only
50
85
120
k
INTERRUPT OUTPUT PIN (OFF)
Output Low Voltage
VOL
IOL = 2mA
0
0.3
V
Output High Voltage
VOH
IOH = -15µA
0.75 x
VDD
V
Integrated Pullup Resistor
RPU
Pullup to VDD
12
20
28
k
PRES, PRES PINS
Input Low Voltage
VIL_PRES
0.3 x
VDD
V
Input High Voltage
VIH_PRES
0.7 x
VDD
V
Input Low Current
IIL_PRES
VIL_PRES = 0V
40
µA
Input High Current
IIH_PRES
VIH_PRES = VDD
40
µA
TIMING
Activation Time
tACT
160
µs
Deactivation Time
tDEACT
80
µs
Window Start
t3
95
CLK to Card Start
Time
Window End
t5
160
µs
PRES/PRES Debounce Time
tDEBOUNCE
8
ms
Note 1: Operation guaranteed at TA = -40°C and TA = +85°C, but not tested.
Note 2: IDD_IC measures the amount of current used by the DS8024 to provide the smart card current minus the load.
Note 3: Guaranteed by design, but not production tested.


Similar Part No. - DS8024

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8024 MAXIM-DS8024 Datasheet
356Kb / 15P
   Smart Card Interface
Rev 3; 7/12
DS8024 MAXIM-DS8024 Datasheet
256Kb / 15P
   Smart Card Interface
19-6220; Rev 4; 4/13
DS8024-RJX++ MAXIM-DS8024-RJX+ Datasheet
356Kb / 15P
   Smart Card Interface
Rev 3; 7/12
DS8024-RJX++ MAXIM-DS8024-RJX+ Datasheet
256Kb / 15P
   Smart Card Interface
19-6220; Rev 4; 4/13
DS8024-RJX/V++ MAXIM-DS8024-RJX/V+ Datasheet
356Kb / 15P
   Smart Card Interface
Rev 3; 7/12
More results

Similar Description - DS8024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com