Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX256 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX256
Description  3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX256 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX256_12 Datasheet HTML 6Page - Maxim Integrated Products MAX256_12 Datasheet HTML 7Page - Maxim Integrated Products MAX256_12 Datasheet HTML 8Page - Maxim Integrated Products MAX256_12 Datasheet HTML 9Page - Maxim Integrated Products MAX256_12 Datasheet HTML 10Page - Maxim Integrated Products MAX256_12 Datasheet HTML 11Page - Maxim Integrated Products MAX256_12 Datasheet HTML 12Page - Maxim Integrated Products MAX256_12 Datasheet HTML 13Page - Maxim Integrated Products MAX256_12 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
As with all power-supply designs, it is important to opti-
mize efficiency. In designs incorporating small trans-
formers, the possibility of thermal runaway makes low
transformer efficiencies problematic. Transformer loss-
es produce a temperature rise that reduces the effi-
ciency of the transformer. The lower efficiency, in turn,
produces an even larger temperature rise.
To ensure that the transformer meets these require-
ments under all operating conditions, the design should
focus on the worst-case conditions. The most stringent
demands on ET product arise for minimum switching
frequency, maximum input voltage, maximum tempera-
ture, and load current. Additionally, the worst-case val-
ues for transformer and rectifier losses should be
considered.
The primary should be a single winding; however, the
secondary can be center-tapped, depending on the
desired rectifier topology. In most applications, the
phasing between primary and secondary windings is
not significant. Half-wave rectification architectures are
possible with the MAX256; however, these are discour-
aged. If a net DC current results due to an imbalanced
load, the magnetic flux in the core is increased. This
reduces the effective ET product and can lead to satu-
ration of the transformer core.
Transformers for use with the MAX256 are typically
wound on a high-permeability magnetic core. To mini-
mize radiated electromagnetic emissions, select a
toroid, pot core, E/I/U core, or equivalent.
+3.3V Operation
The MAX256 can be operated from a +3.3V supply by
increasing the turns ratio of the transformer, or by
designing a voltage-doubler or voltage-tripler circuit as
shown in Figure 1B.
Optimum performance at +3.3V is obtained with fewer
turns on the primary winding, since the ET product
is lower than for a +5V supply. However, any of the
transformers for use with a +5V supply will operate
properly with a +3.3V supply. For a given power level,
the transformer currents are higher with a +3.3V supply
than with a +5V supply. Therefore, the DC resistance
of the transformer windings has a larger impact on the
circuit efficiency.
3W Primary-Side Transformer H-Bridge Driver
for Isolated Supplies
______________________________________________________________________________________
11
MAX256
-15V
COMMON
+15V
VCC
VCC
RS485
MPU
M
U
X
DAC/ADC
OPTOISOLATORS
OPTOISOLATORS
Figure 6. Isolated Power Supply for Process Control Applications


Similar Part No. - MAX256_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25601A MAXIM-MAX25601A Datasheet
566Kb / 9P
   Configured for Pre-Boost and Buck Application
Rev 0; 10/19
MAX25601EVKIT MAXIM-MAX25601EVKIT Datasheet
566Kb / 9P
   Configured for Pre-Boost and Buck Application
Rev 0; 10/19
MAX25601EVKIT# MAXIM-MAX25601EVKIT# Datasheet
566Kb / 9P
   Configured for Pre-Boost and Buck Application
Rev 0; 10/19
MAX25611 MAXIM-MAX25611 Datasheet
508Kb / 11P
   Configured for Boost and Buck-Boost Application
Rev 1; 3/19
MAX25611A MAXIM-MAX25611A Datasheet
1Mb / 25P
   Automotive High-Voltage HB LED Controller
Rev 1; 1/19
More results

Similar Description - MAX256_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
   Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
MAX13256 MAXIM-MAX13256 Datasheet
2Mb / 17P
   36V H-Bridge Transformer Driver for Isolated Supplies Integrated System Protection
Rev 0; 6/11
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Unisonic Technologies
UPSL101 UTC-UPSL101_15 Datasheet
176Kb / 8P
   ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com