Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1020 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1020
Description  10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1020 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1020_12 Datasheet HTML 1Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 2Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1020_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
10-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = 2.7V to 3.6V (MAX1057), external reference VREF = 2.5V (MAX1057), VAVDD = VDVDD = 4.75V to 5.25V
(MAX1020/MAX1022/MAX1058), external reference VREF = 4.096V (MAX1020/MAX1022/MAX1058), fCLK = 3.6MHz (50% duty cycle),
TA = -40°C to +85°C, unless otherwise noted. Typical values are at VAVDD = VDVDD = 3V (MAX1057), VAVDD = VDVDD = 5V
(MAX1020/MAX1022/MAX1058), TA = +25°C. Outputs are unloaded, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Acquisition Time
tACQ
(Note 5)
0.6
µs
Internally clocked
5.5
Conversion Time
tCONV
Externally clocked
3.6
µs
External Clock Frequency
fCLK
Externally clocked conversion (Note 5)
0.1
3.6
MHz
Duty Cycle
40
60
%
Aperture Delay
30
ns
Aperture Jitter
< 50
ps
ANALOG INPUTS
Unipolar
0
VREF
Input Voltage Range (Note 6)
Bipolar
-VREF / 2
VREF / 2
V
Input Leakage Current
±0.01
±1
µA
Input Capacitance
24
pF
INTERNAL TEMPERATURE SENSOR
TA = +25°C
±0.7
Measurement Error (Notes 5, 7)
TA = TMIN to TMAX
±1.0
±3.0
°C
Temperature Resolution
1/8
°C/LSB
INTERNAL REFERENCE
MAX1057
2.482
2.50
2.518
REF1 Output Voltage (Note 8)
MAX1020/MAX1022/MAX1058
4.066
4.096
4.126
V
REF1 Voltage Temperature
Coefficient
TCREF
±30
ppm/°C
REF1 Output Impedance
6.5
k
VREF = 2.5V
0.39
REF1 Short-Circuit Current
VREF = 4.096V
0.63
mA
EXTERNAL REFERENCE
REF1 Input Voltage Range
VREF1
REF mode 11 (Note 4)
1
VAVDD
+ 0.05
V
REF mode 01
1
VAVDD
+ 0.05
REF2 Input Voltage Range
(Note 4)
VREF2
REF mode 11
0
1
V


Similar Part No. - MAX1020_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1020BETX MAXIM-MAX1020BETX Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
More results

Similar Description - MAX1020_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com