Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2431GA+U Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2431GA+U
Description  1024-Bit, 1-Wire EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2431GA+U Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2431GA+U Datasheet HTML 2Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 3Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 4Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 5Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 6Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 7Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 8Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 9Page - Maxim Integrated Products DS2431GA+U Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
1024-Bit, 1-Wire EEPROM
6
_______________________________________________________________________________________
The hierarchical structure of the 1-Wire protocol is
shown in Figure 2. The bus master must first provide
one of the seven ROM function commands: Read ROM,
Match ROM, Search ROM, Skip ROM, Resume,
Overdrive-Skip ROM, or Overdrive-Match ROM. Upon
completion of an Overdrive-Skip ROM or Overdrive-
Match ROM command byte executed at standard
speed, the device enters overdrive mode where all
subsequent communication occurs at a higher speed.
The protocol required for these ROM function com-
mands is described in Figure 9. After a ROM function
command is successfully executed, the memory func-
tions become accessible and the master can provide
any one of the four memory function commands. The
protocol for these memory function commands is
described in Figure 7. All data is read and written
least significant bit first.
64-Bit Lasered ROM
Each DS2431 contains a unique ROM code that is 64
bits long. The first 8 bits are a 1-Wire family code. The
next 48 bits are a unique serial number. The last 8 bits
are a cyclic redundancy check (CRC) of the first 56 bits.
See Figure 3 for details. The 1-Wire CRC is generated
using a polynomial generator consisting of a shift regis-
ter and XOR gates as shown in Figure 4. The polynomial
is X8 + X5 + X4 + 1. Additional information about the
1-Wire CRC is available in Application Note 27:
Understanding and Using Cyclic Redundancy Checks
with Maxim iButton® Products.
The shift register bits are initialized to 0. Then, starting
with the least significant bit of the family code, one bit
at a time is shifted in. After the 8th bit of the family code
has been entered, the serial number is entered. After
the last bit of the serial number has been entered, the
shift register contains the CRC value. Shifting in the 8
bits of the CRC returns the shift register to all 0s.
DS2431 COMMAND LEVEL:
AVAILABLE COMMANDS:
DATA FIELD AFFECTED:
READ ROM
MATCH ROM
SEARCH ROM
SKIP ROM
RESUME
OVERDRIVE-SKIP ROM
OVERDRIVE-MATCH ROM
64-BIT REG. #, RC-FLAG
64-BIT REG. #, RC-FLAG
64-BIT REG. #, RC-FLAG
RC-FLAG
RC-FLAG
RC-FLAG, OD-FLAG
64-BIT REG. #, RC-FLAG, OD-FLAG
1-Wire ROM FUNCTION COMMANDS
(SEE FIGURE 9)
WRITE SCRATCHPAD
READ SCRATCHPAD
COPY SCRATCHPAD
READ MEMORY
64-BIT SCRATCHPAD, FLAGS
64-BIT SCRATCHPAD
DATA MEMORY, REGISTER PAGE
DATA MEMORY, REGISTER PAGE
DS2431-SPECIFIC
MEMORY FUNCTION COMMANDS
(SEE FIGURE 7)
Figure 2. Hierarchical Structure for 1-Wire Protocol
MSB
8-BIT
CRC CODE
48-BIT SERIAL NUMBER
MSB
MSB
LSB
LSB
LSB
8-BIT FAMILY CODE
(2Dh)
MSB
LSB
Figure 3. 64-Bit Lasered ROM
iButton is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS2431GA+U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431GA+U MAXIM-DS2431GA+U Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
More results

Similar Description - DS2431GA+U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
   1024-Bit EEPROM iButton
REV: 083006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com