Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB514265BJ-45 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # HYB514265BJ-45
Description  256K x 16-Bit EDO-Dynamic RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514265BJ-45 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  HYB514265BJ-45 Datasheet HTML 1Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514265BJ-45 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
HYB 5(3)14265BJ(L)-400/-40/-45/-50
256K x 16 EDO-DRAM
Semiconductor Group
5
Absolute Maximum Ratings
Operating temperature range ........................................................................................ 0 to + 70
°C
Storage temperature range..................................................................................... – 55 to + 150
°C
Input/output voltage for HYB 514265................................................ – 0.5 to min. (
V
CC + 0.5, 7.0) V
Power supply voltage for HYB 514265 ........................................................................... – 1 to + 7 V
Input/output voltage for HYB 314265................................................ – 0.5 to min. (
V
CC + 0.5, 4.6) V
Power supply voltage for HYB 314265 ..................................................................... – 0.5 to + 4.6 V
Data out current (short circuit) ................................................................................................ 50 mA
Note:
Stresses above those listed under Absolute Maximum Ratingsmay cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
DC Characteristics for HYB514265
T
A = 0 to 70 °C; VSS = 0 V; VCC = 5 V ± 10 % (± 5 % for -400 version) , tT = 2 ns
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Input high voltage
V
IH
2.4
V
CC + 0.5
V
1
Input low voltage
V
IL
– 0.5
0.8
V
1
Output high voltage (
I
OUT = – 5.0 mA)
V
OH
2.4
V
1
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1
Input leakage current, any input
(0 V <
V
IN < 7 V, all other inputs = 0 V)
I
I(L)
– 10
10
µA
1
Output leakage current
(DO is disabled, 0 V <
V
OUT < VCC)
I
O(L)
– 10
10
µA
1
Average
V
CC supply current:
-400 version
-40 version
-45 version
-50 version
I
CC1
120
120
105
95
mA
2, 3, 4
Standby
V
CC supply current
(RAS = LCAS = UCAS = WE = VIH)
I
CC2
2
mA
Average
V
CC supply current during RAS-only
refresh cycles:
-400 version
-40 version
-45 version
-50 version
I
CC3
120
120
105
95
mA
2, 4


Similar Part No. - HYB514265BJ-45

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
HYB514256B-50 SIEMENS-HYB514256B-50 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
HYB514256B-60 SIEMENS-HYB514256B-60 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
HYB514256B-70 SIEMENS-HYB514256B-70 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
HYB514256BJ-50 SIEMENS-HYB514256BJ-50 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
More results

Similar Description - HYB514265BJ-45

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com