Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1257 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1257
Description  12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1257 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1257 Datasheet HTML 1Page - Maxim Integrated Products MAX1257 Datasheet HTML 2Page - Maxim Integrated Products MAX1257 Datasheet HTML 3Page - Maxim Integrated Products MAX1257 Datasheet HTML 4Page - Maxim Integrated Products MAX1257 Datasheet HTML 5Page - Maxim Integrated Products MAX1257 Datasheet HTML 6Page - Maxim Integrated Products MAX1257 Datasheet HTML 7Page - Maxim Integrated Products MAX1257 Datasheet HTML 8Page - Maxim Integrated Products MAX1257 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
12-Bit, Multichannel ADCs/DACs with FIFO,
Temperature Sensing, and GPIO Ports
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = 2.7V to 3.6V (MAX1257), external reference VREF = 2.5V (MAX1257), VAVDD = 4.75V to 5.25V, VDVDD = 2.7V to VAVDD
(MAX1220/MAX1258), external reference VREF = 4.096V (MAX1220/MAX1258), fCLK = 3.6MHz (50% duty cycle), TA = -40°C to +85°C,
unless otherwise noted. Typical values are at VAVDD = VDVDD = 3V (MAX1257), VAVDD = VDVDD = 5V (MAX1220/MAX1258), TA = +25°C.
Outputs are unloaded, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND ........................................................-0.3V to +6V
DGND to AGND.....................................................-0.3V to +0.3V
DVDD to AVDD......................................................-3.0V to +0.3V
Digital Inputs to DGND.............................................-0.3V to +6V
Digital Outputs to DGND ........................-0.3V to (VDVDD + 0.3V)
Analog Inputs, Analog Outputs and REF_
to AGND .............................................-0.3V to (VAVDD + 0.3V)
Maximum Current into Any Pin (except AGND, DGND, AVDD,
DVDD, and OUT_)...........................................................50mA
Maximum Current into OUT_.............................................100mA
Continuous Power Dissipation (multilayer board, TA = +70°C)
36-Pin TQFN (6mm x 6mm)
(derate 35.7mW/°C above +70°C) ......................2857.1mW
48-Pin TQFN (7mm x 7mm)
(derate 40mW/°C above +70°C) ............................3200mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature ...................................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC
DC ACCURACY (Note 1)
Resolution
12
Bits
Integral Nonlinearity
INL
±0.5
±1.0
LSB
Differential Nonlinearity
DNL
±0.5
±1.0
LSB
Offset Error
±1
±4.0
LSB
Gain Error
(Note 2)
±0.1
±4.0
LSB
Gain Temperature Coefficient
±0.8
ppm/°C
Channel-to-Channel Offset
±0.1
LSB
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, VIN = 2.5VP-P (MAX1257), VIN = 4.096VP-P (MAX1220/MAX1258),
225ksps, fCLK = 3.6MHz)
Signal-to-Noise Plus Distortion
SINAD
70
dB
Total Harmonic Distortion
(Up to the Fifth Harmonic)
THD
-76
dBc
Spurious-Free Dynamic Range
SFDR
72
dBc
Intermodulation Distortion
IMD
fIN1 = 9.9kHz, fIN2 = 10.2kHz
76
dBc
Full-Linear Bandwidth
SINAD > 70dB
100
kHz
Full-Power Bandwidth
-3dB point
1
MHz
CONVERSION RATE (Note 3)
External reference
0.8
µs
Power-Up Time
tPU
Internal reference (Note 4)
218
Conversion
clock
cycles
Note: If the package power dissipation is not exceeded, one output at a time may be shorted to AVDD, DVDD, AGND, or DGND
indefinitely.


Similar Part No. - MAX1257

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1257BETM MAXIM-MAX1257BETM Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1257BETM MAXIM-MAX1257BETM Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
More results

Similar Description - MAX1257

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com