Electronic Components Datasheet Search |
|
MAX1231 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX1231 Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 22 page 2.510 2.506 2.502 2.498 2.494 2.490 -40 10 -15 35 60 85 INTERNAL REFERENCE VOLTAGE vs. TEMPERATURE TEMPERATURE ( °C) -0.3 -0.1 -0.2 0.1 0 0.2 0.3 2.7 3.0 3.3 3.6 OFFSET ERROR vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) -0.3 0 -0.1 -0.2 0.2 0.1 0.3 0.4 -40 10 -15 35 60 85 OFFSET ERROR vs. TEMPERATURE TEMPERATURE ( °C) 0 1.0 0.5 1.5 2.0 GAIN ERROR vs. SUPPLY VOLTAGE SUPPLY VOLTAGE (V) 2.7 3.6 3.3 3.0 0 0.5 1.5 1.0 2.0 GAIN ERROR vs. TEMPERATURE TEMPERATURE ( °C) -40 -15 35 85 60 10 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference _______________________________________________________________________________________ 7 Typical Operating Characteristics (continued) (VDD = +3V, VREF = +2.5V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.) -1.00 -0.50 0.50 0.25 -0.25 -0.75 0 1.00 0.75 TEMPERATURE SENSOR ERROR vs. TEMPERATURE TEMPERATURE ( °C) -40 -15 35 85 60 10 GRADE B -5 -3 -4 -1 -2 0 1 04 26 8 10 SAMPLING ERROR vs. SOURCE IMPEDANCE SOURCE IMPEDANCE (k Ω) |
Similar Part No. - MAX1231 |
|
Similar Description - MAX1231 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |