Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1302AEUG+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1302AEUG+
Description  8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1302AEUG+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1302AEUG+ Datasheet HTML 2Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 3Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 4Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 5Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 6Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 7Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 8Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 9Page - Maxim Integrated Products MAX1302AEUG+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
8-Channel, ±VREF Multirange Inputs,
Serial 16-Bit ADC
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD1 = VAVDD2 = VDVDD = VDVDDO = 5V, VAGND1 = VDGND = VDGNDO = VAGND2 = VAGND3 = 0V, fCLK = 3.5MHz (50% duty
cycle), external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input
range (±VREF), CDOUT = 50pF, CSSTRB = 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Rise to DOUT Disable
tTR
40
ns
CS Fall to SCLK Rise Setup
tCSS
40
ns
CS High Minimum Pulse Width
tCSPW
40
ns
SCLK Fall to CS Rise Hold
tCSH
0ns
SSTRB Rise to CS Fall Setup
(Note 4)
40
ns
DOUT Rise/Fall Time
CL = 50pF
10
ns
SSTRB Rise/Fall Time
CL = 50pF
10
ns
Note 1: Parameter tested at VAVDD1 = VAVDD2 = VDVDD = VDVDDO = 5V.
Note 2: See definitions in the
Parameter Definitions section at the end of the data sheet.
Note 3: Guaranteed by correlation with single-ended measurements.
Note 4: Not production tested. Guaranteed by design.
Note 5: To ensure external reference operation, VREFCAP must exceed (VAVDD1 - 0.1V). To ensure internal reference operation, VREFCAP
must be below (VAVDD1 - 0.4V). Bypassing REFCAP with a 0.1µF or larger capacitor to AGND1 sets VREFCAP
≈ 4.096V. The tran-
sition point between internal reference mode and external reference mode lies between the REFCAP buffer disable threshold
minimum and maximum values (Figures 17 and 18).
Note 6: The SCLK duty cycle can vary between 40% and 60%, as long as the tCL and tCH timing requirements are met.
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
VAVDD1 (V)
5.15
5.05
4.95
4.85
2.35
2.40
2.45
2.50
2.55
2.60
2.30
4.75
5.25
TA = +85
°C
TA = +25
°C
TA = -40
°C
EXTERNAL CLOCK MODE
PREAMPLIFIER SUPPLY CURRENT
vs. PREAMPLIFIER SUPPLY VOLTAGE
VAVDD2 (V)
5.15
5.05
4.85
4.95
16
17
18
19
20
21
22
23
24
15
4.75
5.25
TA = +85
°C
TA = +25
°C
TA = -40
°C
EXTERNAL CLOCK MODE
DIGITAL SUPPLY CURRENT
vs. DIGITAL SUPPLY VOLTAGE
VDVDD (V)
5.15
5.05
4.95
4.85
0.70
0.75
0.80
0.85
0.90
0.65
4.75
5.25
TA = +85
°C
TA = +25
°C
TA = -40
°C
EXTERNAL CLOCK MODE
Typical Operating Characteristics
(VAVDD1 = VAVDD2 = VDVDD = VDVDDO = 5V, VAGND1 = VDGND = VDGNDO = VAGND2 = VAGND3 = 0V, fCLK = 3.5MHz (50% duty
cycle), external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input
range (±VREF), CDOUT = 50pF, CSSTRB = 50pF, unless otherwise noted.)


Similar Part No. - MAX1302AEUG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1302AEUG MAXIM-MAX1302AEUG Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
More results

Similar Description - MAX1302AEUG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com