Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2870ETJ+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2870ETJ+
Description  23.5MHz to 6000MHz Fractional nteger-N Synthesizer/VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2870ETJ+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2870ETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX2870ETJ+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX2870
23.5MHz to 6000MHz Fractional/
Integer-N Synthesizer/VCO
Typical Operating Characteristics (continued)
(Measured with MAX2870 EV Kit. VCC_ = 3.3V, VGND_ = 0V, fREF_IN = 50MHz, TA = +25°C, see the Testing Conditions Table.)
1k
100
10
1
10k
FREQUENCY (kHz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-170
2113.5MHz FRACTIONAL-N PHASE NOISE
vs. FREQUENCY (LOW-SPUR MODE)
1k
100
10
1
10k
FREQUENCY (kHz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-170
2679.4MHz FRACTIONAL-N PHASE NOISE
vs. FREQUENCY (LOW-NOISE MODE)
SUPPLY CURRENT vs. OUTPUT POWER
SETTING (ONE CHANNEL ACTIVE, 3GHz)
70
80
90
100
110
120
130
140
60
PWR SETTING
00
01
10
11
TA = +25°C
TA = +85°C
TA = -40°C
1k
100
10
1
10k
FREQUENCY (kHz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-170
2679.4MHz FRACTIONAL-N PHASE NOISE
vs. FREQUENCY (LOW-SPUR MODE)
SUPPLY CURRENT vs. FREQUENCY
(ONE CHANNEL ACTIVE,
MAXIMUM OUTPUT POWER)
FREQUENCY (MHz)
1k
100
70
90
110
130
150
170
190
210
230
250
50
10
10k
TA = +25°C
TA = +85°C
TA = -40°C
SUPPLY CURRENT vs. OUTPUT POWER
SETTING (TWO CHANNELS ACTIVE)
180
80
PWR SETTING
00
01
10
11
TA = +25°C
TA = +85°C
TA = -40°C
90
100
110
120
130
140
150
160
170


Similar Part No. - MAX2870ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
2Mb / 24P
   23.5MHz to 6000MHz Fractional Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
1Mb / 24P
   23.5MHz to 6000MHz Fractional/Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2870ETJ++ MAXIM-MAX2870ETJ+ Datasheet
998Kb / 25P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2017
More results

Similar Description - MAX2870ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2870 MAXIM-MAX2870_V01 Datasheet
998Kb / 25P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2017
MAX2870 MAXIM-MAX2870_12 Datasheet
1Mb / 24P
   23.5MHz to 6000MHz Fractional/Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2870_V1 MAXIM-MAX2870_V1 Datasheet
2Mb / 24P
   23.5MHz to 6000MHz Fractional Integer-N Synthesizer/VCO
Rev 1; 7/12
MAX2871 MAXIM-MAX2871_V01 Datasheet
1Mb / 30P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2020
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Linear Technology
LTC6948 LINER-LTC6948_15 Datasheet
503Kb / 36P
   Ultralow Noise 0.37GHz to 6.39GHz Fractional-N Synthesizer with Integrated VCO
logo
Hittite Microwave Corpo...
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
665Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com