Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB514256BJ-70 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB514256BJ-70
Description  256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514256BJ-70 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB514256BJ-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514256BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Semiconductor Group
56
HYB 514256B/BL/BJ/BJL-50/-60/-70
256 K
× 4-DRAM
The HYB 514256B/BJ/BL/BJL is the new generation dynamic RAM organized as 262 144 words by
4-bit. The HYB 514256B/BJ/BL/BJL utilizes CMOS silicon gate process technology as well as
advanced circuit techniques to provide wide operating margins, both internally and for the system
user. Multiplexed address inputs permit the HYB 514256B/BJ/BL/BJL to be packaged in a standard
plastic P-DIP-20-2,or plastic P-SOJ-26/20-1. This package size provides high system bit densities
and is compatible with commonly used automatic testing and insertion equipment. System oriented
features include single + 5 V (
± 10 %) power supply, direct interfacing with high-performance logic
device families such as Schottky TTL. These HYB 514256BL/BJL are specially selected for battery
backup applications.
Pin Definitions and Functions
Pin No.
Function
A0-A8
Address Inputs
RAS
Row Address Strobe
OE
Output Enable
I/O1-I/O4
Data Input/Output
CAS
Column Address Strobe
WE
Read/Write Input
V
CC
Power Supply (+ 5 V)
V
SS
Ground (0 V)
N.C.
No Connection


Similar Part No. - HYB514256BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514265BJ-40 SIEMENS-HYB514265BJ-40 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-45 SIEMENS-HYB514265BJ-45 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-50 SIEMENS-HYB514265BJ-50 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
More results

Similar Description - HYB514256BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Samsung semiconductor
KM44C256BL SAMSUNG-KM44C256BL Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256C SAMSUNG-KM44C256C Datasheet
1Mb / 17P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256D SAMSUNG-KM44C256D Datasheet
353Kb / 7P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256B SAMSUNG-KM44C256B Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com