Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5316 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5316
Description  16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5316 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5316 Datasheet HTML 3Page - Maxim Integrated Products MAX5316 Datasheet HTML 4Page - Maxim Integrated Products MAX5316 Datasheet HTML 5Page - Maxim Integrated Products MAX5316 Datasheet HTML 6Page - Maxim Integrated Products MAX5316 Datasheet HTML 7Page - Maxim Integrated Products MAX5316 Datasheet HTML 8Page - Maxim Integrated Products MAX5316 Datasheet HTML 9Page - Maxim Integrated Products MAX5316 Datasheet HTML 10Page - Maxim Integrated Products MAX5316 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX5316
16-Bit, ±1 LSB Accuracy Voltage Output
DAC with SPI Interface
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD_ = VDDIO = 2.7V to 3.3V, VAVSS = -1.25V, VAGND = VDGND = VAGND_F = VAGND_S = 0V, VREF = 2.5V, TC/SB = PD = LDAC
= M/Z = DGND, RST = VDDIO, CREFO = 100pF, CL = 100pF, RL = 10kω, CBYPASS = 1µF, TA = -40°C to +105°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: All devices are 100% tested at TA = +25°C and TA = +105°C. Limits at TA = -40°C are guaranteed by design.
Note 3: Linearity is tested from VREFO to AGND.
Note 4: The total analog throughput time from DIN to VOUT is the sum of tS and tBUSY (4.9µs, typ).
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
(VAVDD_ = 5V, VDDIO = 2.7V to 5.5V, VAVSS = -1.25V, VREF = 4.096V, RL = 10kω, TC/SB = M/Z, CREFO = 100pF, CL = 100pF,
CBYPASS = 1µF, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Busy Time
tBUSY
(Note 4)
1.9
F
s
DAC Glitch Impulse
Major code transition (7FFFh to 8000h), RL
= 10kI, CL = 50pF
2.5
nVs
Digital Feedthrough
CSB = VDDIO, fSCLK = 1kHz, all digital
inputs from 0V to VDDIO
1
nVs
Output Voltage-Noise Spectral
Density
At f = 1kHZ to 10kHz, without reference
noise, code = 8000h
26
nV/√Hz
Output Voltage Noise
At f = 0.1Hz to 10Hz, without reference
noise, code = 8000h
1.55
F
VP-P
Wake-Up Time
From power-down mode
75
F
s
Power-Up Time
From power-off
1
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN, CS, LDAC)
Input High Voltage
VIH
0.7 x
VDDIO
V
Input Low Voltage
VIL
0.3 x
VDDIO
V
Input Hysteresis
VIHYST
200
300
mV
Input Leakage Current
IIN
Input = 0V of VDDIO
Q
0.1
Q
1
F
A
Input Capacitance
CIN
10
pF
DIGITAL OUTPUT CHARACTERISTICS (DOUT, READY, BUSY)
Output Low Voltage
VOL
ISOURCE = 5.0mA
0.25
V
Output High Voltage
VOH
ISINK = 5.0mA, except for BUSY
VDDIO
- 0.25
Output Three-State Leakage
IOZ
DOUT only
Q
0.1
Q
1
F
A
Output Three-State Capacitance
COZ
DOUT only
15
pF
Output Short-Circuit Current
IOSS
VDDIO = 5.5V
Q
150
mA


Similar Part No. - MAX5316

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312 MAXIM-MAX5312 Datasheet
348Kb / 10P
   MAX5312 Evaluation Kit
Rev 0; 2/08
MAX5312EAE MAXIM-MAX5312EAE Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5312EVKIT MAXIM-MAX5312EVKIT Datasheet
348Kb / 10P
   MAX5312 Evaluation Kit
Rev 0; 2/08
More results

Similar Description - MAX5316

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5318 MAXIM-MAX5318 Datasheet
4Mb / 41P
   18-Bit, High-Accuracy Voltage Output DAC with Digital Gain, Offset Control, and SPI Interface
Rev 0; 9/12
logo
Analog Devices
AD5791 AD-AD5791_13 Datasheet
900Kb / 28P
   1 ppm 20-Bit, 1 LSB INL, Voltage Output DAC
REV. D
logo
Texas Instruments
DAC80504 TI1-DAC80504 Datasheet
85Kb / 4P
[Old version datasheet]   Quad, 16-Bit, SPI Voltage Output DAC With Internal Reference
logo
Analog Devices
AD5791ARUZ AD-AD5791ARUZ Datasheet
831Kb / 28P
   1 ppm 20-Bit, 짹1 LSB INL, Voltage Output DAC
REV. C
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
   12-Bit DAC with SPI??Interface
2004
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
Texas Instruments
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com