Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB514405BJ-70 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB514405BJ-70
Description  1M x 4-Bit Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514405BJ-70 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB514405BJ-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 9Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 10Page - Siemens Semiconductor Group HYB514405BJ-70 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Semiconductor Group
7
HYB 514405BJ/BJL-50/-60/-70
1M x 4 EDO - DRAM
CAS hold time
t
CSH
50
60
70
ns
CAS to RAS precharge time
t
CRP
5–5–5–ns
Transition time (rise and fall)
t
T
150
1
50
150
ns
7
Refresh period
t
REF
–16
16
–16
ms
Refresh period for L-version
t
REF
128
128
128
ms
Read Cycle
Access time from RAS
t
RAC
50
60
70
ns
8, 9
Access time from CAS
t
CAC
13
15
17
ns
8, 9
Access time from column
address
t
AA
25
30
35
ns
8,10
OE access time
t
OEA
–13
15
–17
ns
Column address to RAS lead
time
t
RAL
25
30
35
ns
Read command setup time
t
RCS
0–0–0–ns
Read command hold time
t
RCH
0–0–0–ns
11
Read command hold time
referenced to RAS
t
RRH
0–0–0–ns
11
CAS to output in low-Z
t
CLZ
0–0–0–ns
8
Output buffer turn-off delay
t
OFF
013
0
15
017
ns
12
Output buffer turn-off delay from
OE
t
OEZ
013
0
15
017
ns
12
Data to CAS low delay
t
DZC
0–0–0–ns
13
Data to OE low delay
t
DZO
0–0–0–ns
13
CAS high to data delay
t
CDD
10
13
15
ns
14
OE high to data delay
t
ODD
10
13
15
ns
14
Write Cycle
Write command hold time
t
WCH
8–10
10
–ns
Write command pulse width
t
WP
8–10
10
–ns
Write command setup time
t
WCS
0–0–0–ns
15
AC Characteristics (cont’d) 5)6)
T
A = 0 to 70 ˚C, VCC = 5 V ± 10 %, tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB514405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-60 SIEMENS-HYB514400BJ-60 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
More results

Similar Description - HYB514405BJ-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com