Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4726-22 Datasheet(PDF) 1 Page - API Delevan

Part # 4726-22
Description  Air Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4726-22 Datasheet(HTML) 1 Page - API Delevan

  4726-22 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size (Max.)
SERIES 4726R
4726
Air Core Inductors
High Q, wire wound air cores
Designed to operate over a wide frequency range.
Physical Parameters
Inches
Millimeters
A
0.175 Max.
4.445 Max.
B
0.165 Max.
4.191 Max.
C
0.220 Max.
5.588 Max.
D
0.170 ± .015
4.318 ± 0.38
E
0.060 ± 0.020
1.524 ± 0.51
F
0.228
5.79
G
0.103
2.62
H
0.203
5.16
I
0.058
1.47
J
0.112
2.84
Operating Temperature Range –55°C to +125°C
Inductance and Q tested on HP4291A
Hand Adjustable when ordered with dissolvable cap or
without cap. Removable cap allows for pick and place
application and dissolves with board cleaning solvents.
Suffix the part number RC to order a removable cap; suffix
the part number NC to order without cap.
Ordering Example
4726-150
Capped Air Core (SnPb)
4726-150RC
Removable Capped Air Core (SnPb)
4726R-150NC Without Cap Air Core (RoHS)
Packaging Tape & reel (16mm)
7" reel, not available; 13" reel, 1000 pieces max.
SERIES 4726
-22
-27
-33
-35
-39
-47
-56
-60
-68
-82
-100
-120
-150
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
4
5
5
5
6
6
7
7
7
8
9
9
10
22
27
33
35
39
47
56
60
68
82
100
120
150
95
100
115
115
115
120
120
135
135
135
135
135
140
150
150
150
150
150
150
150
150
150
150
150
150
150
3.0
2.7
2.5
2.0
2.0
1.7
1.5
1.5
1.4
1.3
1.2
1.2
1.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
*Complete part # must include series # PLUS the dash #
See Hand Adjustable Note
For surface finish information,
refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/24/10 10:46 AM Page 35


Similar Part No. - 4726-22

ManufacturerPart #DatasheetDescription
logo
API Delevan
4726-22 API-4726-22 Datasheet
321Kb / 1P
   Air Core Inductors
More results

Similar Description - 4726-22

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
4726-22 API-4726-22 Datasheet
321Kb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
   Square Air Core Inductors
AT392RAS COILCRAFT-AT392RAS Datasheet
452Kb / 2P
   240째C Air Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com