Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5816 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5816
Description  Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5816 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5816 Datasheet HTML 2Page - Maxim Integrated Products MAX5816 Datasheet HTML 3Page - Maxim Integrated Products MAX5816 Datasheet HTML 4Page - Maxim Integrated Products MAX5816 Datasheet HTML 5Page - Maxim Integrated Products MAX5816 Datasheet HTML 6Page - Maxim Integrated Products MAX5816 Datasheet HTML 7Page - Maxim Integrated Products MAX5816 Datasheet HTML 8Page - Maxim Integrated Products MAX5816 Datasheet HTML 9Page - Maxim Integrated Products MAX5816 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC
with Internal Reference and I2C Interface
MAX5816
 Maxim Integrated Products 6
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical values are at
TA = +25NC.) (Note 2)
Note 2: Limits are 100% production tested at TA = +25°C and/or TA = +125°C. Limits over the operating temperature range and
relevant supply voltage range are guaranteed by design and characterization. Typical values are at TA = +25°C and are
not guaranteed.
Note 3: DC Performance is tested without load.
Note 4: Linearity is tested with unloaded outputs to within 20mV of GND and VDD.
Note 5: Gain and offset tested at code 4065 and 30, respectively with VREF = VDD.
Note 6: Subject to zero and full-scale error limits and VREF settings.
Note 7: Measured with all other DAC outputs at midscale with one channel transitioning 0 to full scale.
Note 8: On power-up, the device initiates an internal 200µs (typ) calibration sequence. All commands issued during this time will
be ignored.
Note 9: All channels active at VFS, unloaded. Static logic inputs with VIL = VGND and VIH = VDD.
Note 10:Guaranteed by design.
Note 11:An unconnected condition on the ADDR pin is sensed via a resistive pullup and pulldown operation; for proper operation,
the ADDR pin should be tied to VDD, GND, or left unconnected with minimal capacitance.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I2C TIMING CHARACTERISTICS (SCL, SDA)
SCL Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP
and a START Condition
tBUF
1.3
F
s
Hold Time Repeated for a
START Condition
tHD;STA
0.6
F
s
SCL Pulse Width Low
tLOW
1.3
F
s
SCL Pulse Width High
tHIGH
0.6
F
s
Setup Time for Repeated START
Condition
tSU;STA
0.6
F
s
Data Hold Time
tHD;DAT
0
900
ns
Data Setup Time
tSU;DAT
100
ns
SDA and SCL Receiving
Rise Time
tr
20 +
CB/10
300
ns
SDA and SCL Receiving
Fall Time
tf
20 +
CB/10
300
ns
SDA Transmitting Fall Time
tf
20 +
CB/10
250
ns
Setup Time for STOP Condition
tSU;STO
0.6
F
s
Bus Capacitance Allowed
CB
10
400
pF
Pulse Width of Suppressed Spike
tsp
50
ns


Similar Part No. - MAX5816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811LEUT-T MAXIM-MAX5811LEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811MEUT-T MAXIM-MAX5811MEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811NEUT-T MAXIM-MAX5811NEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5811PEUT-T MAXIM-MAX5811PEUT-T Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
More results

Similar Description - MAX5816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com