Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5813AUD+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5813AUD+T
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5813AUD+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5813AUD+T Datasheet HTML 5Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 6Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 7Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 8Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 9Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 10Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 11Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 12Page - Maxim Integrated Products MAX5813AUD+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 Maxim Integrated Products 9
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5813/MAX5814/MAX5815
Typical Operating Characteristics (continued)
(MAX5815, 12-bit performance, TA = +25°C, unless otherwise noted.)
POWER-DOWN MODE SUPPLY CURRENT
vs. TEMPERATURE
SUPPLY VOLTAGE (V)
5.1
3.5
3.9
4.3
4.7
3.1
2.7
5.5
0.4
0.8
1.6
1.2
0
POWER-DOWN MODE
ALL DACs
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
IVDD vs. CODE
CODE (LSB)
3584
3072
512 1024 1536 2048 2560
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
4096
VDD = 5V,
VREF = 2.5V
NO LOAD
VDD = 5V,
VREF = 4.096V
VDD = VREF = 5V
VDD = 5V,
VREF = 2.048V
VDD = VREF = 3V
IREF (EXTERNAL) vs. CODE
CODE (LSB)
3584
3072
2560
2048
1536
1024
10
20
30
40
50
60
0
512
0
4096
VDD = VREF
NO LOAD
VREF = 5V
VREF = 3V
TRIGGER PULSE
5V/div
VOUT
0.5V/div
ZOOMED VOUT
1 LSB/div
4µs/div
4.3µs
SETTLING TO ±1 LSB
(VDD = VREF = 5V, RL = 2kI, CL = 200pF)
3/4 SCALE TO 1/4 SCALE
TRIGGER PULSE
5V/div
VOUT
0.5V/div
ZOOMED VOUT
1 LSB/div
4µs/div
SETTLING TO ±1 LSB
(VDD = VREF = 5V, RL = 2kI, CL = 200pF)
3.75µs
1/4 SCALE TO 3/4 SCALE
TRIGGER PULSE
5V/div
1 LSB CHANGE
(MIDCODE TRANSITION
0x800 TO 0x7FF)
GLITCH IMPULSE = 2nV*s
ZOOMED VOUT
1.25mV/div
2µs/div
MAJOR CODE TRANSITION
GLITCH ENERGY
(VDD = VREF = 5V, RL = 2kI, CL = 200pF)


Similar Part No. - MAX5813AUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5813AUD+T MAXIM-MAX5813AUD+T Datasheet
3Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Rev 3; 1/13
More results

Similar Description - MAX5813AUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com