Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5815AAUD+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5815AAUD+T
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5815AAUD+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5815AAUD+T Datasheet HTML 2Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 3Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 4Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 5Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 6Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 7Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 8Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 9Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5813/MAX5814/MAX5815
 Maxim Integrated Products 6
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage (Note 11)
VIL
2.2V < VDDIO < 5.5V
0.3 x
VDDIO
V
1.8V < VDDIO < 2.2V
0.2 x
VDDIO
Hysteresis Voltage
VH
0.15
V
Input Leakage Current
IIN
VIN = 0V or VDDIO (Note 11)
Q
0.1
Q
1
F
A
Input Capacitance (Note 10)
CIN
10
pF
ADDR_ Pullup/Pulldown Strength
RPU, RPD (Note 12)
30
50
90
kI
DIGITAL OUTPUT (SDA)
Output Low Voltage
VOL
ISINK = 3mA
0.2
V
I2C TIMING CHARACTERISTICS (SCL, SDA, LDAC, CLR)
SCL Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP
and a START Condition
tBUF
1.3
F
s
Hold Time Repeated for a
START Condition
tHD;STA
0.6
F
s
SCL Pulse Width Low
tLOW
1.3
F
s
SCL Pulse Width High
tHIGH
0.6
F
s
Setup Time for Repeated START
Condition
tSU;STA
0.6
F
s
Data Hold Time
tHD;DAT
0
900
ns
Data Setup Time
tSU;DAT
100
ns
SDA and SCL Receiving
Rise Time
tr
20 +
CB/10
300
ns
SDA and SCL Receiving
Fall Time
tf
20 +
CB/10
300
ns
SDA Transmitting Fall Time
tf
20 +
CB/10
250
ns
Setup Time for STOP Condition
tSU;STO
0.6
F
s
Bus Capacitance Allowed
CB
VDD = 2.7V to 5.5V
10
400
pF
Pulse Width of Suppressed Spike
tsp
50
ns
CLR Removal Time Prior to a
Recognized START
tCLRSTA
100
ns
CLR Pulse Width Low
tCLPW
20
ns
LDAC Pulse Width Low
tLDPW
20
ns
SCLK Rise to LDAC Fall to Hold
tLDH
Applies to execution edge
400
ns


Similar Part No. - MAX5815AAUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5815AAUD+T MAXIM-MAX5815AAUD+T Datasheet
3Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Rev 3; 1/13
More results

Similar Description - MAX5815AAUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com