Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5825 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5825
Description  Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5825 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5825 Datasheet HTML 2Page - Maxim Integrated Products MAX5825 Datasheet HTML 3Page - Maxim Integrated Products MAX5825 Datasheet HTML 4Page - Maxim Integrated Products MAX5825 Datasheet HTML 5Page - Maxim Integrated Products MAX5825 Datasheet HTML 6Page - Maxim Integrated Products MAX5825 Datasheet HTML 7Page - Maxim Integrated Products MAX5825 Datasheet HTML 8Page - Maxim Integrated Products MAX5825 Datasheet HTML 9Page - Maxim Integrated Products MAX5825 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5823/MAX5824/MAX5825
 Maxim Integrated Products 6
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage (Note 11)
VIL
(All inputs except
M/Z)
2.2V < VDDIO < 5.5V
0.3 x
VDDIO
V
1.8V < VDDIO < 2.2V
0.2 x
VDDIO
V
2.7V < VDD < 5.5V (for M/Z)
0.3 x
VDD
Input Leakage Current
IIN
VIN = 0V or VDDIO, all inputs except M/Z
(Note 11)
Q
0.1
Q
1
F
A
VIN = 0V or VDD, for M/Z (Note 11)
Input Capacitance (Note 10)
CIN
10
pF
Hysteresis Voltage
VH
0.15
V
ADDR_ Pullup/Pulldown Strength
RPU, RPD
(Note 12)
30
50
90
kI
DIGITAL OUTPUT (SDA, IRQ)
Output Low Voltage
VOL
ISINK = 3mA
0.2
V
Output Inactive Leakage
IOFF
IRQ only, see IIN for SDA
Q
0.1
Q
1
F
A
Output Inactive Capacitance
COFF
IRQ only, see CIN for SDA
10
pF
WATCHDOG TIMER CHARACTERISTICS
Watchdog Timer Period
tWDOSC
VDD = 3V, TA = +25°C
0.95
1
1.05
ms
Watchdog Timer Period Supply
Drift
VDD = 2.7V to 5.5V, TA = +25°C
0.6
%/V
Watchdog Timer Period
Temperature Drift
VDD = 3V
0.0375
%/°C
I2C TIMING CHARACTERISTICS (SCL, SDA, LDAC, CLR)
SCL Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP
and a START Condition
tBUF
1.3
F
s
Hold Time Repeated for a START
Condition
tHD;STA
0.6
F
s
SCL Pulse Width Low
tLOW
1.3
F
s
SCL Pulse Width High
tHIGH
0.6
F
s
Setup Time for Repeated START
Condition
tSU;STA
0.6
F
s
Data Hold Time
tHD;DAT
0
900
ns
Data Setup Time
tSU;DAT
100
ns
SDA and SCL Receiving
Rise Time
tR
20 +
CB/10
300
ns


Similar Part No. - MAX5825

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5825 MAXIM-MAX5825 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5825A MAXIM-MAX5825A Datasheet
7Mb / 18P
   MAX5825A Evaluation Kit
Rev 0; 5/12
MAX5825AAUP MAXIM-MAX5825AAUP Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5825AEVKIT MAXIM-MAX5825AEVKIT Datasheet
7Mb / 18P
   MAX5825A Evaluation Kit
Rev 0; 5/12
MAX5825AWPT MAXIM-MAX5825AWPT Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
More results

Similar Description - MAX5825

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com