Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5824AUP+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5824AUP+
Description  Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5824AUP+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5824AUP+ Datasheet HTML 1Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 2Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 3Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5824AUP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5823/MAX5824/MAX5825
 Maxim Integrated Products 5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE INPUT
Reference Input Range
VREF
1.24
VDD
V
Reference Input Current
IREF
VREF = VDD = 5.5V
55
74
F
A
Reference Input Impedance
RREF
75
100
kI
REFERENCE OUTPUT
Reference Output Voltage
VREF
VREF = 2.048V, TA = +25NC
2.043
2.048
2.053
V
VREF = 2.5V, TA = +25NC
2.494
2.5
2.506
VREF = 4.096V, TA = +25NC
4.086
4.096
4.106
Reference Temperature
Coefficient (Note 10)
MAX5825A
Q
3
Q
10
ppm/NC
MAX5823/MAX5824/MAX5825B
Q
10
Q
25
Reference Drive Capacity
External load
25
kI
Reference Capacitive Load
Handling
200
pF
Reference Load Regulation
ISOURCE = 0 to 500FA
2
mV/mA
Reference Line Regulation
0.05
mV/V
POWER REQUIREMENTS
Supply Voltage
VDD
VREF = 4.096V
4.5
5.5
V
All other options
2.7
5.5
I/O Supply Voltage
VDDIO
1.8
5.5
V
Supply Current (Note 11)
IDD
Internal reference
VREF = 2.048V
1.6
2
mA
VREF = 2.5V
1.7
2.1
VREF = 4.096V
2.0
2.5
External reference
VREF = 3V
1.6
2.0
VREF = 5V
1.9
2.5
Power-Down Mode Supply
Current
IPD
All DACs off, internal reference ON
140
F
A
All DACs off, internal reference OFF,
TA = -40NC to +85NC
0.7
2
All DACs off, internal reference OFF,
TA = +125NC
2
4
Digital Supply Current
IDDIO
Static logic inputs, all outputs unloaded
1
F
A
DIGITAL INPUT CHARACTERISTICS (SCL, SDA, ADDR0, ADDR1, LDAC, CLR, M/Z)
Input High Voltage (Note 11)
VIH
(All inputs except
M/Z)
2.2V < VDDIO < 5.5V
0.7 x
VDDIO
V
1.8V < VDDIO < 2.2V
0.8 x
VDDIO
V
2.7V < VDD < 5.5V (for M/Z)
0.7 x
VDD


Similar Part No. - MAX5824AUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5824AUP MAXIM-MAX5824AUP Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
More results

Similar Description - MAX5824AUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com