Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5825BAUP+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5825BAUP+
Description  Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5825BAUP+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5825BAUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 9Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 10Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 11Page - Maxim Integrated Products MAX5825BAUP+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5823/MAX5824/MAX5825
 Maxim Integrated Products 8
Typical Operating Characteristics
(MAX5825, 12-bit performance, TA = +25°C, unless otherwise noted.)
INL vs. CODE
CODE (LSB)
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
VDD = VREF = 3V
NO LOAD
INL vs. CODE
CODE (LSB)
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
VDD = VREF = 5V
NO LOAD
DNL vs. CODE
CODE (LSB)
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
VDD = VREF = 3V
NO LOAD
DNL vs. CODE
CODE (LSB)
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
VDD = VREF = 5V
NO LOAD
INL AND DNL vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
MAX INL
VDD = VREF
1.0
-1.0
2.7
5.5
MAX DNL
MIN DNL
MIN INL
INL AND DNL vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5 20 35 50
-25
-40
125
-0.8
-0.6
-0.4
-0.2
0.2
0
0.4
0.6
0.8
1.0
-1.0
MAX INL
VDD = VREF = 3V
MAX DNL
MIN DNL
MIN INL
OFFSET AND ZERO-SCALE ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
2.7
5.5
ZERO-SCALE ERROR
OFFSET ERROR
VREF = 2.5V (EXTERNAL)
NO LOAD
OFFSET AND ZERO-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5 20 35 50
-25
-40
125
-0.8
-0.6
-0.4
-0.2
0.2
0
0.4
0.6
0.8
1.0
-1.0
VREF = 2.5V (EXTERNAL)
NO LOAD
OFFSET ERROR (VDD = 5V)
OFFSET ERROR (VDD = 3V)
ZERO-SCALE ERROR
FULL-SCALE ERROR AND GAIN ERROR
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
-0.016
-0.012
-0.008
-0.004
0
0.004
0.008
0.012
0.016
VREF = 2.5V (EXTERNAL)
NO LOAD
0.020
-0.020
2.7
5.5
FULL-SCALE ERROR
GAIN ERROR


Similar Part No. - MAX5825BAUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5825BAUP MAXIM-MAX5825BAUP Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
More results

Similar Description - MAX5825BAUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com