Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6495ATT+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6495ATT+T
Description  72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6495ATT+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6495ATT+T Datasheet HTML 2Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 3Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 4Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 5Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 6Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 7Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 8Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 9Page - Maxim Integrated Products MAX6495ATT+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
72V, Overvoltage-Protection Switches/
Limiter Controllers with an External MOSFET
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
11
1
1
IN
Positive Supply Voltage. Connect IN to the positive side of the input voltage. Bypass IN
with a 10µF capacitor to GND.
22
2
2
SHDN
Shutdown Input. Drive SHDN low to force GATE low and turn off the external n-channel
MOSFET. Drive SHDN low and then high to reset the overvoltage-condition latch. SHDN
is internally pulled to GND with 1µA of current. Connect SHDN to IN for normal operation.
33
3
3
OVSET
Overvoltage-Threshold Adjustment Input. Connect OVSET to an external resistive
voltage-divider network to adjust the desired overvoltage-disable or overvoltage-limit
threshold. Connect the resistor network to the input side (drain) of the n-channel
MOSFET for overvoltage switch turn-off applications or to the output side (source) of the
n-channel MOSFET for overvoltage-limiting applications (MAX6495/MAX6496/MAX6499).
4
5
5
5
GND
Ground
5
6
6
6
GATE
Gate-Driver Output. Connect GATE to the gate of the external n-channel MOSFET switch.
GATE is the output of a charge pump with a 100µA pullup current to 10V (typ) above IN
during normal operation. GATE is quickly clamped to OUTFB during an overvoltage
condition. GATE pulls low when SHDN is low.
67
7
7
OUTFB
Output-Voltage-Sense Input. Connect OUTFB to the source of the external n-channel
MOSFET switch.
4
GATEP
p-Channel Gate-Driver Output. Connect GATEP to the gate of an external p-channel
MOSFET to provide low-drop reverse-voltage protection. GATEP is biased to ensure that
the p-channel MOSFET is on during normal operating modes, the gate-to-source is not
overstressed during load-dump/overvoltage conditions, and the p-channel MOSFET is
off during reverse-battery conditions.
8
——
N.C.
No Connection. Not internally connected.
4
POK
Power-OK Output. POK is an open-drain output. POK remains low while POKSET is
below the internal POKSET threshold. POK goes high impedance when POKSET goes
above the internal POKSET threshold. Connect POK to an external pullup resistor.
8
POKSET
Power-OK Threshold-Adjustment Input. POK remains low while POKSET is below the
internal POKSET threshold (1.18V). POK goes high impedance when POKSET goes
above the internal POKSET threshold (1.24V). Connect a resistive divider from OUTFB
to POKSET to adjust the desired undervoltage threshold.
——
4
CLEAR
Latch Clear Input. Connect CLEAR to a logic-high to latch the device off after an
overvoltage condition. With OVSET below VTH, pulse CLEAR low (5µs typ)
to reset the output latch. Connect CLEAR to GND to make the latch transparent.
——
8
UVSET
Undervoltage-Threshold Adjustment Input. Connect UVSET to an external resistive
voltage-divider network to adjust the desired undervoltage threshold.
——
EP
Exposed Pad. EP is internally connected to GND. Connect EP to the ground plane to
provide a low thermal-resistance path from the IC junction to the PC board. Do not use
as the primary electrical connection to GND.


Similar Part No. - MAX6495ATT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495ATT+T MAXIM-MAX6495ATT+T Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495ATT+T MAXIM-MAX6495ATT+T Datasheet
215Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495ATT+T MAXIM-MAX6495ATT+T Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495ATT+T MAXIM-MAX6495ATT+T Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
More results

Similar Description - MAX6495ATT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495 MAXIM-MAX6495_09 Datasheet
215Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com