Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB514405BJL-60 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB514405BJL-60
Description  1M x 4-Bit Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514405BJL-60 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB514405BJL-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 12Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 13Page - Siemens Semiconductor Group HYB514405BJL-60 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Semiconductor Group
10
HYB 514405BJ/BLJ-50/-60/-70
1M x 4 EDO - DRAM
Notes:
1) All voltages are referenced to VSS.
2)
ICC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3)
ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open.
4) Address can be changed once or less while RAS = Vil. In case of ICC4 it can be changed once or less during
a hyper page mode (EDO) cycle
5) An initial pause of 200
µs is required after power-up followed by 8 RAS cycles of which at least one cycle has
to be a refresh cycle, before proper device operation is achieved. In case of using the internal refresh counter,
a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required.
6) AC measurements assume
t
T = 2 ns.
7)
VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also
measured between
VIH and VIL.
8) Measured with the specified current load and 100 pF at Vol = 0.8 V and Voh = 2.0 V. Access time is determined
by the latter of tRAC, tCAC, tAA, tCPA , tOEA. tCAC is measured from tristate.
9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a reference point
only. If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by tCAC.
10) Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference point
only. If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by tAA.
11) Either tRCH or tRRH must be satisfied for a read cycle.
12) tOFF (max.), tOEZ (max.) define the time at which the output achieves the open-circuit conditions and are not
referenced to output voltage levels. tOFF is referenced from the rising edge of RAS or CAS, whichever occurs
last.
13) Either
t
DZC or tDZO must be satisfied.
14) Either
t
CDD or tODD must be satisfied.
15) tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the data sheet as
electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and data out pin will remain
open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD (min.) and tAWD > tAWD (min.),
the cycle is a read-write cycle and I/O will contain data read from the selected cells. If neither of the above
sets of conditions is satisfied, the condition of I/O (at access time) is indeterminate.
16) These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge
in read-write cycles.


Similar Part No. - HYB514405BJL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50 SIEMENS-HYB514400BJ-50 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-60 SIEMENS-HYB514400BJ-60 Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
More results

Similar Description - HYB514405BJL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com