Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCTR-503 Datasheet(PDF) 2 Page - API Delevan

Part # HCTR-503
Description  High Current Toroidal Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

HCTR-503 Datasheet(HTML) 2 Page - API Delevan

  HCTR-503 Datasheet HTML 1Page - API Delevan HCTR-503 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For frequencies ≤ 10 kHz
(mW/cm3)
Hz
Gauss
Core loss =
1.47 x 10–8
f 0.971 B 2.11
For frequencies ≥ 10 kHz
(mW/cm3)
Hz
Gauss
Core loss =
9.07 x 10–10
f 1.26 B 2.11
Bpk =
A:
T37 = 0.064 cm2; T44 = 0.099 cm2;
T50 = 0.112 cm2; T68 = 0.179 cm2
Erms 108
4.44 Anf
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES HCTR
HCT
High Current Toroidal Inductors
This information is
intended to be used in
assisting the designer in
part selection. Each
application may contain
other variables which
must be considered in
part selection, such as
temperature effects,
waveform distortion, etc.
API Delevan
Sales/Engineering is
available to provide
information as needed to
fit each application.
Data is representative of
a DC current with less
than 1% ripple and an
AC waveform less than:
50 gauss on the
HCT-37X, 25 gauss on
the HCT-44X, 15 gauss
on the HCT-50X and 10
gauss on the
HCT-68X.The effect of
AC or ripple flux can be
significant in many DC
inductor applications.
When significantly
greater AC flux density is
present, it becomes
necessary to consider its
effect on both core loss
and permeability
(inductance).
All data points, on the
above graphs, that
exceed the rated DC
current specified for a
55°C rise from a 25°C
ambient are for design
reference only and are
not intended to imply
continuous use at those
DC current levels.
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 9:44 AM Page 82


Similar Part No. - HCTR-503

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
86Kb / 1P
   Self Leaded Power Inductors
HCT-1-152-15L COILCRAFT-HCT-1-152-15L Datasheet
166Kb / 1P
   Self Leaded Power Inductors ??HCT
logo
OKI electronic componet...
HCT-1000 OKI-HCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Coilcraft lnc.
HCT-2-152-15L COILCRAFT-HCT-2-152-15L Datasheet
86Kb / 1P
   Self Leaded Power Inductors
HCT-2-152-15L COILCRAFT-HCT-2-152-15L Datasheet
166Kb / 1P
   Self Leaded Power Inductors ??HCT
More results

Similar Description - HCTR-503

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Pulse A Technitrol Comp...
PE-51508NL PULSE-PE-51508NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
   High Current Toroidal Inductors
logo
Filtran LTD
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
TT Electronics.
HM54 TTELEC-HM54 Datasheet
779Kb / 3P
   High Current Toroidal Inductors
logo
Filtran LTD
CTP4548 FILTRAN-CTP4548 Datasheet
59Kb / 1P
   Toroidal Inductors High Current
logo
Bi technologies
HM54 BITECH-HM54 Datasheet
1Mb / 3P
   High Current Toroidal Inductors
logo
Datatronic Distribution...
PT12310 DATATRONICS-PT12310 Datasheet
74Kb / 1P
   High Current Toroidal Inductors
logo
Token Electronics Indus...
TCTC1005IR-330-J TOKEN-TCTC1005IR-330-J Datasheet
368Kb / 2P
   TCTC High Current Toroidal Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com