Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7304 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7304
Description  I2C-Interfaced 16-Port,Level-Translating GPIO and LED Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7304 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7304_12 Datasheet HTML 1Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 2Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 3Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 4Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 5Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 6Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 7Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 8Page - Maxim Integrated Products MAX7304_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
I2C-Interfaced 16-Port,
Level-Translating GPIO and LED Driver
with High Level of Integrated ESD Protection
MAX7304
 Maxim Integrated Products 4
Note 2: All parameters are tested at TA = +25NC. Specifications over temperature are guaranteed by design.
Note 3: All digital inputs at VCC or GND.
Note 4: Guaranteed by design.
Note 5: CB = total capacitance of one bus line in pF. tR and tF measured between 0.8V and 2.1V.
Note 6: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) to bridge
the undefined region of SCL’s falling edge.
Note 7: ISINK = 6mA. CB = total capacitance of one bus line in pF. tR and tF measured between 0.8V and 2.1V.
Note 8: Input filters on the SDA, SCL, and AD0 inputs suppress noise spikes less than 50ns.
Typical Operating Characteristics
(VCC = 2.5V, VLA = 2.5V, TA = +25NC, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.62V to 3.6V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at VCC = 3.3V, TA = +25NC.) (Notes 2, 3)
GPO OUTPUT LOW VOLTAGE
vs. SINK CURRENT (PORT15–PORT12)
SINK CURRENT (mA)
18
16
14
12
10
8
6
4
2
20
40
60
80
100
120
0
020
VCC = 2.4V
TA = +25°C
TA = +85°C
TA = -40°C
GPO OUTPUT LOW VOLTAGE
vs. SINK CURRENT (PORT15–PORT12)
SINK CURRENT (mA)
18
16
14
12
10
8
6
4
2
20
40
60
80
100
120
0
020
VCC = 3.0V
TA = +25°C
TA = +85°C
TA = -40°C
GPO OUTPUT LOW VOLTAGE
vs. SINK CURRENT (PORT15–PORT12)
SINK CURRENT (mA)
18
16
14
12
10
8
6
4
2
20
40
60
80
100
120
0
020
VCC = 3.6V
TA = +25°C
TA = +85°C
TA = -40°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Pulse Width of Spike Suppressed
tSP
(Notes 4, 8)
50
ns
Capacitive Load for Each Bus Line
CB
(Note 4)
400
pF
Bus Timeout
tTIMEOUT
14
19
27
ms
ESD PROTECTION
PORT_
IEC 61000-4-2 Air-Gap Discharge
Q
15
kV
IEC 61000-4-2 Contact Discharge
Q
8
All Other Pins
Human Body Model
Q
2.5
kV


Similar Part No. - MAX7304_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7304PMB1 MAXIM-MAX7304PMB1 Datasheet
1Mb / 8P
   MAX7304PMB1 Peripheral Module
Rev 0; 5/12
More results

Similar Description - MAX7304_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7304 MAXIM-MAX7304 Datasheet
1Mb / 28P
   I2C-Interfaced 16-Port, Level-Translating GPIO and LED Driver with High Level of Integrated
Rev 0; 6/11
MAX7302 MAXIM-MAX7302 Datasheet
373Kb / 29P
   SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Rev 0; 7/07
MAX7302_0712 MAXIM-MAX7302_0712 Datasheet
318Kb / 30P
   SMBus/I2C Interfaced 9-Port, Level-Translating GPIO and LED Driver with CLA
Rev 1; 12/07
MAX7306 MAXIM-MAX7306 Datasheet
314Kb / 25P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 0; 6/07
MAX7306 MAXIM-MAX7306_10 Datasheet
308Kb / 23P
   SMBus/I2C Interfaced 4-Port, Level-Translating GPIOs and LED Drivers
Rev 1; 8/10
logo
NXP Semiconductors
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
logo
Shanghai awinic technol...
AW9523B AWINIC-AW9523B Datasheet
816Kb / 21P
   16 MULTI-FUNCTION LED DRIVER AND GPIO CONTROLLER WITH I2C INTERFACE
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com