Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7370 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7370
Description  8 x 8 Key-Switch Controller and LED Driver/GPIOs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7370 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7370 Datasheet HTML 3Page - Maxim Integrated Products MAX7370 Datasheet HTML 4Page - Maxim Integrated Products MAX7370 Datasheet HTML 5Page - Maxim Integrated Products MAX7370 Datasheet HTML 6Page - Maxim Integrated Products MAX7370 Datasheet HTML 7Page - Maxim Integrated Products MAX7370 Datasheet HTML 8Page - Maxim Integrated Products MAX7370 Datasheet HTML 9Page - Maxim Integrated Products MAX7370 Datasheet HTML 10Page - Maxim Integrated Products MAX7370 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX7370
8 x 8 Key-Switch Controller and LED Driver/GPIOs
with I2C Interface and High Level of ESD Protection
Pin Description (continued)
Functional Block Diagram
PIN
NAME
FUNCTION
TQFN
WLP
13
D4
VLA
Second Logic Level for GPIO Level Shifting (where VCC P VLA P 3.6V)
14
E4
AD0
Address Input. Selects up to four device slave addresses (Table 3).
15
D3
SDA
I2C-Compatible, Serial-Data I/O
16
E3
SCL
I2C-Compatible, Serial-Clock Input
17
E2
INT
Active-Low Key-Switch Interrupt Output. INT is open-drain and requires a pullup resistor.
18
D2
VCC
Positive Supply Voltage. Bypass to GND with a 0.1FF capacitor as close as possible to the device.
19
E1
ROW0
Row 0 Input from Key Matrix or GPIO Port
20
D1
ROW1
Row 1 Input from Key Matrix or GPIO Port
21
C2
ROW2
Row 2 Input from Key Matrix or GPIO Port
22
C1
ROW3
Row 3 Input from Key Matrix or GPIO Port
24
A1
ROW4
Row 4 Input from Key Matrix or GPIO Port
EP
Exposed Pad (TQFN Only). Internally connected to GND. Connect to a large ground plane to
maximize thermal performance. Not intended as an electrical connection point.
INT
128kHz
OSCILLATOR
CONTROL
REGISTERS FIFO
BUS TIMEOUT
POR
KEY-SCAN
LOGIC
ROW
DRIVES/
PUSH-
PULL GPIO
PWM
GPIO
LOGIC
ROW0
ROW1
ROW2
ROW3
ROW4
ROW5
ROW6
ROW7
COL1
COL2
COL3
COL4
COL5
COL6
COL7
LED ENABLE
I/O SUPPLY CONTROL
I2C
INTERFACE
PWM SIGNAL
VLA
VCC
AD0
SCL
SDA
CURRENT
SOURCE
COLUMN
DRIVES/
PUSH-
PULL GPIO/
LED DRIVERS
COLUMN ENABLE
GPIO ENABLE
ROW DETECT
GPIO ENABLE
CURRENT DETECT
GPIO INPUT
ROW ENABLE
GPIO INPUT
COL0
MAX7370


Similar Part No. - MAX7370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370ETG MAXIM-MAX7370ETG Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7370EWA MAXIM-MAX7370EWA Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
More results

Similar Description - MAX7370

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7370 MAXIM-MAX7370 Datasheet
2Mb / 37P
   8 x 8 Key-Switch Controller and LED Driver/GPIOs with I2C Interface and High Level of ESD Protection
Rev 0; 6/11
MAX7360 MAXIM-MAX7360 Datasheet
1Mb / 31P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 0; 4/09
MAX7360 MAXIM-MAX7360_11 Datasheet
1Mb / 32P
   I2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
Rev 1; 8/10
MAX7360 MAXIM-MAX7360_V01 Datasheet
894Kb / 32P
   I 2C-Interfaced Key-Switch Controller and LED Driver/GPIOs with Integrated ESD Protection
19-4566; Rev 3; 7/19
logo
Tontek Design Technolog...
TT1620 TONTEK-TT1620 Datasheet
483Kb / 14P
   LED Driver (8 x 6)
logo
Maxim Integrated Produc...
MAX7365 MAXIM-MAX7365 Datasheet
1Mb / 31P
   1MHz I2C-Interfaced 8 x 7 Key-Switch Controller with GPIO Ports
19-6036; Rev 0; 9/11
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
logo
STMicroelectronics
STMPE821 STMICROELECTRONICS-STMPE821_09 Datasheet
661Kb / 55P
   8-channel capacitive touch key controller
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
logo
List of Unclassifed Man...
MC88A ETC1-MC88A Datasheet
99Kb / 1P
   8 TUNES 8 KEY WITH SCAN KEY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com