Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8532 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8532
Description  Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8532 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8532 Datasheet HTML 1Page - Maxim Integrated Products MAX8532 Datasheet HTML 2Page - Maxim Integrated Products MAX8532 Datasheet HTML 3Page - Maxim Integrated Products MAX8532 Datasheet HTML 4Page - Maxim Integrated Products MAX8532 Datasheet HTML 5Page - Maxim Integrated Products MAX8532 Datasheet HTML 6Page - Maxim Integrated Products MAX8532 Datasheet HTML 7Page - Maxim Integrated Products MAX8532 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Noise, Low-Dropout,
200mA Linear Regulator in UCSP
_______________________________________________________________________________________
5
Detailed Description
The MAX8532 is a low-power, low-dropout, low-quies-
cent current linear regulator designed primarily for bat-
tery-powered applications. For preset output voltages,
see the
Output Voltage Selector Guide. The device
supplies up to 200mA for OUT. The MAX8532 consists
of a 1.25V reference, error amplifier, P-channel pass
transistor, reference bypass block, and internal feed-
back voltage divider.
The 1.25V bandgap reference is connected to the error
amplifier’s inverting input. The error amplifier compares
this reference with the feedback voltage and amplifies
the difference. If the feedback voltage is lower than the
reference voltage, the pass-transistor gate is pulled
lower, allowing more current to pass to the output and
increasing the output voltage. If the feedback voltage is
high, the pass-transistor gate is pulled up, allowing less
current to pass to the output. The output voltage is fed
back through an internal resistor voltage-divider con-
nected to the OUT pin.
Shutdown
The MAX8532 has a single shutdown control input
(SHDN). Drive SHDN low to shut down the output,
reducing supply current to 10nA. Connect SHDN to a
logic-high, or IN, for normal operation.
Internal P-Channel Pass Transistor
The MAX8532 features a 1Ω P-channel MOSFET pass
transistor. A P-channel MOSFET provides several advan-
tages over similar designs using PNP pass transistors,
including longer battery life. It requires no base drive,
reducing quiescent current. PNP-based regulators waste
considerable current in dropout when the pass transistor
saturates and also use high base-drive currents under
heavy loads. The MAX8532 does not suffer these prob-
lems and consumes only 90µA quiecent current whether
in dropout, light-load, or heavy-load applications (see the
Typical Operating Characteristics). Whereas a PNP-
based regulator has dropout voltage independent of the
load, a P-channel MOSFET’s dropout voltage is propor-
tional to load current, providing for low dropout voltage
at heavy loads and extremely low dropout voltage at
lighter loads.
ERROR
AMP
IN
SHDN
GND
OUT
BP
MOS
DRIVER
WITH ILIMIT
THERMAL
SENSOR
1.25V
REF
SHUTDOWN
AND
POWER-ON
CONTROL
MAX8532
Functional Diagram


Similar Part No. - MAX8532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX8532EBTG MAXIM-MAX8532EBTG Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX8532EBTJ MAXIM-MAX8532EBTJ Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
More results

Similar Description - MAX8532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com