Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9691EUA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9691EUA
Description  Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9691EUA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9691EUA Datasheet HTML 3Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 4Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 5Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 6Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 7Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 8Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 9Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 10Page - Maxim Integrated Products MAX9691EUA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
The timing diagram (Figure 3) illustrates the series of
events that complete the compare function, under
worst-case conditions. The top line of the diagram illus-
trates two latch-enable pulses. Each pulse is high for
the compare function and low for the latch function. The
first pulse demonstrates the compare function; part of
the input action takes place during the compare mode.
The second pulse demonstrates a compare function
interval during which there is no change in the input.
The leading edge of the input signal (illustrated as a
large-amplitude, small-overdrive pulse) switches the
comparator after time interval tpd. Output Q and Q tran-
sistors are similar in timing. The input signal must occur
at time ts before the latch falling edge, and must be
maintained for time th after the edge to be acquired.
After th, the output is no longer affected by the input sta-
tus until the latch is again strobed. A minimum latch
pulse width of tpw(LE) is needed for the strobe opera-
tion, and the output transitions occur after a time tLE(±).
The MAX9691/MAX9692/MAX9693 will not false trip
(i.e., output invert) if one of the inputs is in the valid
common-mode range while the other input is outside
the common-mode range.
LATCH
ENABLE
DIFFERENTIAL
INPUT
VOLTAGE
Q
Q
LATCH
COMPARE
ts
th
VOD
VIN
tLE(+)
VOS
50%
50%
50%
tpw(LE)
tpd
Figure 3. Timing Diagram
Single/Dual, Ultra-Fast, ECL-Output
Comparators with Latch Enable
_______________________________________________________________________________________
7


Similar Part No. - MAX9691EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9691EUA MAXIM-MAX9691EUA Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
More results

Similar Description - MAX9691EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
logo
Maxim Integrated Produc...
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
   Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com