Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIVR3K Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # AIVR3K
Description  APLUS INTEGRATED CIRCUITS INC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AIVR3K Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  AIVR3K Datasheet HTML 1Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 2Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 3Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 4Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 5Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 6Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 7Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 8Page - Aplus Intergrated Circuits AIVR3K Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Integrated Circuits Inc.
aIVR3K Series
Mar 27, 2012
6
DC CHARACTERISTICS
TA = 0 to 70℃, VDD = 3.0V, VSS = 0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
2.2
3.0
3.6
V
ISB
Standby current
1
5
µ
A
I/O properly terminated
IOP
Operating current
4
15
mA
I/O properly terminated
VIH
"H" Input Voltage
2.5
3.0
3.5
V
VDD=3.0V
VIL
"L" Input Voltage
-0.3
0
0.5
V
VDD=3.0V
IVOUTL
VOUT low O/P Current
130
mA
Vout=1.0V (Note 1)
IVOUTH
VOUT high O/P Current
-130
mA
Vout=2.0V (Note 1)
ICO
COUT O/P Current
-2
mA
Data = 80h
IOH
O/P High Current
-5
mA
VOH=2.5V
IOL
O/P Low Current
20
mA
VOL=0.3V
RNVOUT VOUT pull-down
resistance
100K
VOUT pin set to internal
pull-down
RNPB3
Programmable I/P pin
pull-down resistance
1M
PB3 is set to internal pull-
down
RNPIO
Programmable IO pin
pull-down resistance
1M
PBm, PCn, are set to
internal pull-down
RUPIO
Programmable IO pin
pull-up resistance
3.3K
4.7K
PBm, PCn, set to internal
pull-up
∆Fs/Fs
Frequency stability
-3
+3
%
VDD = 3V +/- 0.4V
∆Fc/Fc
Chip to chip Frequency
Variation
-5
+5
%
Also apply to lot to lot
variation
Note:
1. The current value is for normal volume. It is double for high volume. The VOUT volume is
selected by using the development system software provided.
2. Where PBm stands for programmable I/O pins PB0, PB1 and PB2; PCn stands for programmable
I/O pins PC0, PC1, PC2 and PC3.


Similar Part No. - AIVR3K

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
aIVR34112 APLUS-aIVR34112 Datasheet
122Kb / 8P
   tandard CMOS process
AIVR341N APLUS-AIVR341N Datasheet
142Kb / 8P
   APLUS INTEGRATED CIRCUITS INC.
More results

Similar Description - AIVR3K

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AP89010 APLUS-AP89010_15 Datasheet
236Kb / 18P
   APLUS INTEGRATED CIRCUITS INC
AP8921A APLUS-AP8921A_15 Datasheet
218Kb / 18P
   APLUS INTEGRATED CIRCUITS INC
AP89021 APLUS-AP89021_15 Datasheet
236Kb / 18P
   APLUS INTEGRATED CIRCUITS INC
AMTP777 APLUS-AMTP777 Datasheet
170Kb / 8P
   APLUS INTEGRATED CIRCUITS INC
AP89042 APLUS-AP89042_15 Datasheet
245Kb / 19P
   APLUS INTEGRATED CIRCUITS INC
AMTP32M APLUS-AMTP32M Datasheet
595Kb / 30P
   APLUS INTEGRATED CIRCUITS INC
AP8942A APLUS-AP8942A_15 Datasheet
263Kb / 19P
   APLUS INTEGRATED CIRCUITS INC
AIVR341N APLUS-AIVR341N Datasheet
142Kb / 8P
   APLUS INTEGRATED CIRCUITS INC.
AP89085 APLUS-AP89085_15 Datasheet
359Kb / 24P
   Integrated Circuits Inc.
AP89170 APLUS-AP89170_15 Datasheet
359Kb / 24P
   Integrated Circuits Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com