Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q2010 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67100-Q2010
Description  1M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2010 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67100-Q2010 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2010 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
542
The HYM 321160S/GS-60/-70 is a 4 M Byte DRAM module organized as 1 048 576 words by
32-bit in a 72-pin single-in-line package comprising eight HYB 514400BJ 1M
× 4 DRAMs in 300 mil
wide SOJ-packages mounted together with eight 0.2
µF ceramic decoupling capacitors on a PC
board.
The HYM 321160S/GS-60/-70 can also be used as a 2 097 152 words by 16-bits dynamic RAM
module by means of connecting DQ0 and DQ16, DQ1 and DQ17, DQ2 and DQ18, …, DQ15 and
DQ31, respectively.
Each HYB 514400BJ is described in the data sheet and is fully electrically tested and processed
according to Siemens standard quality procedure prior to module assembly. After assembly onto
the board, a further set of electrical tests is performed.
The speed of the module can be detected by the use of four presence detect pins.
The common I/O feature on the HYM 321160S/GS-60/-70 dictates the use of early write cycles.
Pin Definitions and Functions
Presence Detect Pins
Pin No.
Function
A0-A9
Address Inputs
DQ0-DQ31
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0, RAS2
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-60
-70
PD0
V
SS
V
SS
PD1
V
SS
V
SS
PD2
N.C.
V
SS
PD3
N.C.
N.C.
HYM 321160S/GS-60/-70
1M x 32-Bit


Similar Part No. - Q67100-Q2010

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2012 SIEMENS-Q67100-Q2012 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
Q67100-Q2014 SIEMENS-Q67100-Q2014 Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
Q67100-Q2015 SIEMENS-Q67100-Q2015 Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
Q67100-Q2016 SIEMENS-Q67100-Q2016 Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
Q67100-Q2017 SIEMENS-Q67100-Q2017 Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2010

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com