Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9693 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9693
Description  Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9693 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9693 Datasheet HTML 1Page - Maxim Integrated Products MAX9693 Datasheet HTML 2Page - Maxim Integrated Products MAX9693 Datasheet HTML 3Page - Maxim Integrated Products MAX9693 Datasheet HTML 4Page - Maxim Integrated Products MAX9693 Datasheet HTML 5Page - Maxim Integrated Products MAX9693 Datasheet HTML 6Page - Maxim Integrated Products MAX9693 Datasheet HTML 7Page - Maxim Integrated Products MAX9693 Datasheet HTML 8Page - Maxim Integrated Products MAX9693 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single/Dual, Ultra-Fast, ECL-Output
Comparators with Latch Enable
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5.2V, RL = 50Ω to VT, VT = -2V, LE = 0, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
34
46
MAX9693
TA = TMIN to TMAX
50
TA = +25°C
18
26
Supply Current
ICC
MAX9691/
MAX9692
TA = TMIN to TMAX
36
mA
Note 1: Guaranteed by design.
Note 2: VIN = 100mV, VOD = 10mV.
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = -5.2V, RL = 50Ω to VT, VT = -2V, LE = 0, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9691/MAX9692/MAX9693
TA = +25°C
1.2
1.8
Propagation Delay (Notes 1, 2)
tpd+, tpd-
TA = TMIN to TMAX
2.0
ns
Rise/Fall Time
tr, tf
10% to 90%
500
ps
Propagation Delay Skew
PD
100
ps
Dispersion
PDSP
VOD from 10mV to 100mV
150
ps
MAX9692/MAX9693
TA = +25°C
1.0
1.8
Latch-Enable Time (Note 1)
TLE(±)
TA = TMIN to TMAX
2.0
ns
Latch-Enable Pulse Width (Note 1)
tpw(LE)
0.5
1.0
ns
Setup Time (Note 1)
ts
0.5
1.0
ns
Hold Time (Note 1)
th
0.5
1.0
ns
Channel-to-Channel
Propagation Match
tPDM
Note 2 (MAX9693 only)
100
ps


Similar Part No. - MAX9693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9693 MAXIM-MAX9693 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9693EEE MAXIM-MAX9693EEE Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9693EPE MAXIM-MAX9693EPE Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9693ESE MAXIM-MAX9693ESE Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
More results

Similar Description - MAX9693

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
logo
Maxim Integrated Produc...
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
   Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com